Electronic Components Datasheet Search
  English  ▼

X  

AT80C51RB2-3CSIM Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT80C51RB2-3CSIM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSIM Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSIM Datasheet HTML 10Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 11Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 12Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 13Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 14Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 15Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 16Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 17Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 83 page
background image
15
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Expanded RAM
(XRAM)
The T8xc51Rx2 devices provide additional Bytes of Random Access Memory (RAM)
space for increased data parameter handling and high level language usage.
The devices have expanded RAM in external data space; maximum size and location
are described in Table 7.
Table 7. Expanded RAM
The T8xc51Rx2 has internal data memory that is mapped into four separate segments.
The four segments are:
1.
The Lower 128 bytes of RAM (addresses 00h to 7Fh) are directly and indirectly
addressable.
2.
The Upper 128 bytes of RAM (addresses 80h to FFh) are indirectly addressable
only.
3.
The Special Function Registers (SFRs) (addresses 80h to FFh) are directly
addressable only.
4.
The expanded RAM bytes are indirectly accessed by MOVX instructions, and
with the EXTRAM bit cleared in the AUXR register (see Table 7).
The lower 128 bytes can be accessed by either direct or indirect addressing. The Upper
128 bytes can be accessed by indirect addressing only. The Upper 128 bytes occupy
the same address space as the SFR. That means they have the same address, but are
physically separate from SFR space.
Figure 5. Internal and External Data Memory Address
XRAM size
Address
Start
End
T83C51RB2/RC2
T80C51RD2
1024
00h
3FFh
XRAM
Upper
128 Bytes
Internal
RAM
Lower
128 Bytes
Internal
RAM
Special
Function
Register
80h
80h
00
0FFh or 3FFh
0FFh
00
0FFh
External
Data
Memory
0000
00FFh up to 03FFh
0FFFFh
indirect accesses
Direct Accesses
Direct or Indirect
Accesses
7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com