Electronic Components Datasheet Search
  English  ▼

X  

AT80C51RB2-3CSIM Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT80C51RB2-3CSIM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSIM Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSIM Datasheet HTML 54Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 55Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 56Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 57Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 58Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 59Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 60Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 61Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 83 page
background image
59
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
Power Management
Idle Mode
An instruction that sets PCON.0 indicates that it is the last instruction to be executed
before going into Idle mode. In Idle mode, the internal clock signal is gated off to the
CPU, but not to the interrupt, Timer, and Serial Port functions. The CPU status is pre-
served in its entirety: the Stack Pointer, Program Counter, Program Status Word,
Accumulator and all other registers maintain their data during idle. The port pins hold the
logical states they had at the time Idle was activated. ALE and PSEN hold at logic high
level.
There are two ways to terminate the Idle mode. Activation of any enabled interrupt will
cause PCON.0 to be cleared by hardware, terminating the Idle mode. The interrupt will
be serviced, and following RETI the next instruction to be executed will be the one fol-
lowing the instruction that put the device into idle.
The flag bits GF0 and GF1 can be used to give an indication if an interrupt occurred dur-
ing normal operation or during idle. For example, an instruction that activates idle can
also set one or both flag bits. When idle is terminated by an interrupt, the interrupt ser-
vice routine can examine the flag bits.
The other way of terminating the Idle mode is with a hardware reset. Since the clock
oscillator is still running, the hardware reset needs to be held active for only two
machine cycles (24 oscillator periods) to complete the reset.
Power-down Mode
To save maximum power, a power-down mode can be invoked by software (refer to
Table 30, PCON register).
In power-down mode, the oscillator is stopped and the instruction that invoked power-
down mode is the last instruction executed. The internal RAM and SFRs retain their
value until the power-down mode is terminated. V
CC can be lowered to save further
power. Either a hardware reset or an external interrupt can cause an exit from power-
down. To properly terminate power-down, the reset or external interrupt should not be
executed before V
CC is restored to its normal operating level and must be held active
long enough for the oscillator to restart and stabilize.
Only external interrupts INT0, INT1 and Keyboard Interrupts are useful to exit from
power-down. Thus, the interrupt must be enabled and configured as level - or edge -
sensitive interrupt input. When Keyboard Interrupt occurs after a power-down mode,
1024 clocks are necessary to exit to power-down mode and enter in operating mode.
Holding the pin low restarts the oscillator but bringing the pin high completes the exit as
detailed in Figure 22. When both interrupts are enabled, the oscillator restarts as soon
as one of the two inputs is held low and power-down exit will be completed when the first
input is released. In this case, the higher priority interrupt service routine is executed.
Once the interrupt is serviced, the next instruction to be executed after RETI will be the
one following the instruction that put T8xc51Rx2 into power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com