Electronic Components Datasheet Search
  English  ▼

X  

T83C5101 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T83C5101
Description  8-bit Low Pin Count Microcontrollers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5101 Datasheet(HTML) 1 Page - ATMEL Corporation

  T83C5101 Datasheet HTML 1Page - ATMEL Corporation T83C5101 Datasheet HTML 2Page - ATMEL Corporation T83C5101 Datasheet HTML 3Page - ATMEL Corporation T83C5101 Datasheet HTML 4Page - ATMEL Corporation T83C5101 Datasheet HTML 5Page - ATMEL Corporation T83C5101 Datasheet HTML 6Page - ATMEL Corporation T83C5101 Datasheet HTML 7Page - ATMEL Corporation T83C5101 Datasheet HTML 8Page - ATMEL Corporation T83C5101 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Rev. 4233G–8051–03/03
1
Features
• 80C51 Code Compatible
– 8051 Instruction Compatible
– 16 I/O + 2 Outputs in 24 Pin Packages
16 I/O + 6 Outputs in 28 Pin Packages
– Three 16-bit Timer/Counters
– 256 Bytes Scratchpad RAM
• Program Memory
– 8 KB ROM T83C5102
– 16 KB ROM T83C5101
– 16 KB EPROM/OTP T87C5101
• High-speed Architecture
• 40 MHz from 2.7 to 5.5V, Commercial or Industrial Temperature Range:
– 40 MHz with a 40 MHz Crystal In Std. Mode
– 40 MHz with a 20 MHz Crystal In X2 Mode
• 66 MHz from 4.5 to 5.5V, Commercial Temperature Range
– 40 MHz with a 40 MHz Crystal in Std. Mode
– 66 MHz with a 33 MHz Crystal in X2 Mode
• Dual Data Pointer
• On-chip eXpanded RAM (XRAM) (256 bytes)
• Programmable Clock Out and Up/Down Timer/Counter 2
• Asynchronous Port Reset
• Interrupt Structure with
– 6 Interrupt Sources,
– 4-Level Priority Interrupt System
• Full-duplex Enhanced UART
– Framing Error Detection
– Automatic Address Recognition
• Low EMI (no ALE)
• Power Control Modes
– Idle Mode
– Power-down Mode
• Packages: SO24, DIL24, SSOP24, SO28
Description
The T8xC5101/02 family is a high performance CMOS ROM, OTP, EPROM derivative
of the 80C51 CMOS single chip 8-bit microcontroller.
The T8xC5101/02 family is a low pin count device where only Port 1, port 3 and 2/6
bits of a new port 4 are outputted. This prevents any external access, like external pro-
gram memory access (fetch, MOVC) or external data memory (MOVX). The
T8xC5101/02 family retains all features of the 80C51 with extended capacity 8 KB
ROM (5102), 16 KB ROM (5101)/16 KB EPROM/OTP (5101), 256 bytes of internal
RAM, a 6-source, 4-level interrupt system, an on-chip oscillator and three
timer/counters.
In addition, the T8xC5101/02 family has an XRAM of 256 bytes, the X2 feature, a
more versatile serial channel that facilitates multiprocessor communication (EUART),
a dual data pointer and an improved timer 2. The fully static design of the
T8xC5101/02 family allows to reduce system power consumption by bringing the
clock frequency down to any value, even DC, without loss of data.
The T8xC5101/02 family has 2 software-selectable modes of reduced activity for fur-
ther reduction in power consumption. In idle mode the CPU is frozen while the timers,
the serial port and the interrupt system are still operating. In power-down mode the
RAM is saved and all other functions are inoperative.
8-bit Low Pin
Count
Microcontrollers
T83C5101
T87C5101
T83C5102


Similar Part No. - T83C5101

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
T83C5101 TEMIC-T83C5101 Datasheet
243Kb / 52P
8-bit Low pin count Microcontrollers, 0-66 MHz
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101 Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
T83C5101XXX-3ZSCL ATMEL-T83C5101XXX-3ZSCL Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
T83C5101XXX-3ZSCV ATMEL-T83C5101XXX-3ZSCV Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
T83C5101XXX-3ZSIL ATMEL-T83C5101XXX-3ZSIL Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
More results

Similar Description - T83C5101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CR509 MICROCHIP-PIC12CR509 Datasheet
1Mb / 113P
8-Pin, 8-Bit CMOS Microcontrollers
1999 - 2002
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
Low-pin Count 8-bit Microcontroller
AT87C5103_0306 ATMEL-AT87C5103_0306 Datasheet
522Kb / 64P
Low-pin Count 8-bit Microcontroller
logo
TEMIC Semiconductors
T87C5101 TEMIC-T87C5101 Datasheet
243Kb / 52P
8-bit Low pin count Microcontrollers, 0-66 MHz
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_08 Datasheet
579Kb / 64P
Low-pin Count 8-bit Microcontroller
T83C5101 ATMEL-T83C5101_08 Datasheet
678Kb / 58P
8-bit Low Pin Count Microcontrollers
logo
fujitsu semiconductor
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
Low-Pin-Count Microcontrollers
logo
Microchip Technology
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC24FJ64GP205 MICROCHIP-PIC24FJ64GP205 Datasheet
8Mb / 809P
16-Bit eXtreme Low-Power Microcontrollers with USB in Low Pin Count Packages
Revision D (March 2022)
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com