Electronic Components Datasheet Search
  English  ▼

X  

T83C5101 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # T83C5101
Description  8-bit Low Pin Count Microcontrollers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5101 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button T83C5101 Datasheet HTML 45Page - ATMEL Corporation T83C5101 Datasheet HTML 46Page - ATMEL Corporation T83C5101 Datasheet HTML 47Page - ATMEL Corporation T83C5101 Datasheet HTML 48Page - ATMEL Corporation T83C5101 Datasheet HTML 49Page - ATMEL Corporation T83C5101 Datasheet HTML 50Page - ATMEL Corporation T83C5101 Datasheet HTML 51Page - ATMEL Corporation T83C5101 Datasheet HTML 52Page - ATMEL Corporation T83C5101 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
49
T8xC5101/02
4233G–8051–03/03
Shift Register Timing
Waveforms
Figure 22. Shift Register Timing Waveforms
External Clock Drive
Characteristics (XTAL1)
External Clock Drive
Waveforms
Figure 23. External Clock Drive Waveforms
AC Testing Input/Output
Waveforms
Figure 24. AC Testing Input/Output Waveforms
AC inputs during testing are driven at VCC - 0.5 for a logic “1” and 0.45V for a logic “0”.
Timing measurement are made at VIH min for a logic “1” and VIL max for a logic “0”.
VALID
VALID
INPUT DATA
VALID
VALID
0
1
2345
6
8
7
ALE
CLOCK
OUTPUT DATA
WRITE to SBUF
CLEAR RI
T
XLXL
T
QVXH
T
XHQX
T
XHDV
T
XHDX
SET TI
SET RI
INSTRUCTION
01
234
5
6
7
VALID
VALID
VALID
VALID
Symbol
Parameter
Min
Max
Units
T
CLCL
Oscillator Period
25
ns
T
CHCX
High Time
5
ns
T
CLCX
Low Time
5
ns
T
CLCH
Rise Time
5
ns
T
CHCL
Fall Time
5
ns
T
CHCX/TCLCX
Cyclic ratio in X2 mode
40
60
%
VCC-0.5 V
0.45 V
0.7VCC
0.2VCC-0.1 V
TCHCL
TCLCX
TCLCL
TCLCH
TCHCX
0.45 V
VCC-0.5 V
0.2VCC+0.9
0.2VCC-0.1
INPUT/OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com