Electronic Components Datasheet Search
  English  ▼

X  

T83C5101 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # T83C5101
Description  8-bit Low Pin Count Microcontrollers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5101 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button T83C5101 Datasheet HTML 35Page - ATMEL Corporation T83C5101 Datasheet HTML 36Page - ATMEL Corporation T83C5101 Datasheet HTML 37Page - ATMEL Corporation T83C5101 Datasheet HTML 38Page - ATMEL Corporation T83C5101 Datasheet HTML 39Page - ATMEL Corporation T83C5101 Datasheet HTML 40Page - ATMEL Corporation T83C5101 Datasheet HTML 41Page - ATMEL Corporation T83C5101 Datasheet HTML 42Page - ATMEL Corporation T83C5101 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
39
T8xC5101/02
4233G–8051–03/03
Lock Bits Programming and
Verification
Programming:
•
step 1: V
PP and TEST low, present T code for Lock bits programming on P3 and
raise V
PP to 12.75V
•
step 2: pulse PROG low
Verification:
•
step 1: V
PP and TEST low, present T code for Lock bits verification
•
step 2: read data
Figure 16. Lock Bits Programming Signals Waveform and Lock Bits Verifying Signals Waveform
tTXDX
Data output valid from T code invalid hold time
0
tTVDV
Data output valid from T code valid delay
36 tOSC
3
µs
tPLCX
Address valid from
V
PP falling edge hold time
36 tOSC
3
µs
tPPGX
V
PP on VPP pin to Prog falling edge setup time
36 tOSC
3
µs
tPLDX
Data output from
V
PP Low delay
0
µs
Table 23. Programming/Verifying Signnal’s Wavaform Parameters (Continued)
12 MHz
Symbol
Parameter
Formula
Min
Max
Unit
tPLDX
tPHDZ
tGLGX
tGLGX
tGHPX
tPPGX
tPHCX
tCVPX
VPP
TEST
PROG
P3
P1
V
PP=12.75V
T code
T code
data out
tPLDV
tTVDV
tTXDX
tPLCV
Table 24. Lock Bits Programming Signals Waveform and Lock Bits Verifying Signals
Waveform Parameters
12 MHz
Symbol
Parameter
Formula
Min
Max
Unit
tOSC
Oscillator period
-
83.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com