Electronic Components Datasheet Search
  English  ▼

X  

T83C5101 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T83C5101
Description  8-bit Low Pin Count Microcontrollers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5101 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T83C5101 Datasheet HTML 9Page - ATMEL Corporation T83C5101 Datasheet HTML 10Page - ATMEL Corporation T83C5101 Datasheet HTML 11Page - ATMEL Corporation T83C5101 Datasheet HTML 12Page - ATMEL Corporation T83C5101 Datasheet HTML 13Page - ATMEL Corporation T83C5101 Datasheet HTML 14Page - ATMEL Corporation T83C5101 Datasheet HTML 15Page - ATMEL Corporation T83C5101 Datasheet HTML 16Page - ATMEL Corporation T83C5101 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
13
T8xC5101/02
4233G–8051–03/03
Figure 4. Internal and External Data Memory Address
Table 4. Auxiliary Register
- AUXR
AUXR
Address 08EH
-
-
-
-
-
-
EXTRAM
AO
Reset value
X
XX
XXX
0
0
Symbol
Function
-
Not implemented, reserved for future use.
(1)
1.
User software should not write 1s to reserved bits. These bits may be used in future 8051
family products to invoke new features. In that case, the reset or inactive value of the
new bit will be 0, and its active value will be 1. The value read from a reserved bit is
indeterminate.
AO
Writing to this bit will have no effect (refer to chapter "Reduced EMI mode")
EXTRAM
Writing to this bit will have no effect
XRAM
256 bytes
Upper
128 bytes
Internal
Ram
Lower
128 bytes
Internal
Ram
Special
Function
Register
80
80
00
FF
FF
00
FF
indirect accesses
direct accesses
direct or indirect
accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com