Electronic Components Datasheet Search
  English  ▼

X  

TIP112 Datasheet(PDF) 5 Page - ON Semiconductor

Part # TIP112
Description  Plastic Medium-Power Complementary Silicon Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP112 Datasheet(HTML) 5 Page - ON Semiconductor

  TIP112 Datasheet HTML 1Page - ON Semiconductor TIP112 Datasheet HTML 2Page - ON Semiconductor TIP112 Datasheet HTML 3Page - ON Semiconductor TIP112 Datasheet HTML 4Page - ON Semiconductor TIP112 Datasheet HTML 5Page - ON Semiconductor TIP112 Datasheet HTML 6Page - ON Semiconductor TIP112 Datasheet HTML 7Page - ON Semiconductor TIP112 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TIP110, TIP111, TIP112 (NPN); TIP115, TIP116, TIP117 (PNP)
http://onsemi.com
5
1.0
Figure 5. TIP115, 116, 117
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
4.0
2.0
1.0
0.1
10
60 80 100
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
TJ = 150°C
dc
1ms
40
TIP115
TIP116
TIP117
SECONDARY BREAKDOWN LIMITED
5ms
CURVES APPLY BELOW
RATED VCEO
1.0
Figure 6. TIP110, 111, 112
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
4.0
2.0
1.0
0.1
10
80 100
60
TIP110
TIP111
TIP112
BONDING WIRE LIMITED
THERMALLY LIMITED
@ TC = 25°C (SINGLE PULSE)
TJ = 150°C
SECONDARY BREAKDOWN LIMITED
CURVES APPLY BELOW
RATED VCEO
dc
ACTIVE−REGION SAFE−OPERATING AREA
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figures 5 and 6 is based on TJ(pk) = 150_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
200
0.04
VR, REVERSE VOLTAGE (VOLTS)
10
0.4 0.6 1.0
2.0
40
4.0
0.06 0.1
0.2
70
30
TC = 25°C
Cib
50
Cob
PNP
NPN
Figure 7. Capacitance
100
20
6.0 10
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com