Electronic Components Datasheet Search
  English  ▼

X  

TIP112 Datasheet(PDF) 7 Page - ON Semiconductor

Part # TIP112
Description  Plastic Medium-Power Complementary Silicon Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP112 Datasheet(HTML) 7 Page - ON Semiconductor

  TIP112 Datasheet HTML 1Page - ON Semiconductor TIP112 Datasheet HTML 2Page - ON Semiconductor TIP112 Datasheet HTML 3Page - ON Semiconductor TIP112 Datasheet HTML 4Page - ON Semiconductor TIP112 Datasheet HTML 5Page - ON Semiconductor TIP112 Datasheet HTML 6Page - ON Semiconductor TIP112 Datasheet HTML 7Page - ON Semiconductor TIP112 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TIP110, TIP111, TIP112 (NPN); TIP115, TIP116, TIP117 (PNP)
http://onsemi.com
7
Figure 11. Temperature Coefficients
NPN
TIP110, 111, 112
PNP
TIP115, 116, 117
Figure 12. Collector Cut-Off Region
IC, COLLECTOR CURRENT (AMP)
+0.8
0
−0.8
−1.6
−2.4
−3.2
−4.0
−4.8
*APPLIES FOR IC/IB ≤ hFE/3
*
qVC for VCE(sat)
qVC for VBE
0.04 0.06
0.2
0.4 0.6
1.0
2.0
4.0
25
°C to 150°C
−55
°C to 25°C
0.1
25
°C to 150°C
−55
°C to 25°C
IC, COLLECTOR CURRENT (AMP)
+0.8
0
−0.8
−1.6
−2.4
−3.2
−4.0
−4.8
*APPLIES FOR IC/IB ≤ hFE/3
*
qVC for VCE(sat)
qVC for VBE
0.04 0.06
0.2
0.4 0.6
1.0
2.0
4.0
25
°C to 150°C
−55
°C to 25°C
0.1
25
°C to 150°C
−55
°C to 25°C
105
−0.6
103
102
100
104
101
10−1
VBE, BASE-EMITTER VOLTAGE (VOLTS)
−0.4
−0.2
0
+0.2
+0.4 +0.6 +0.8 +1.0
+1.2
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
+1.4
105
−0.6
103
102
100
104
101
10−1
VBE, BASE-EMITTER VOLTAGE (VOLTS)
−0.4
−0.2
0
+0.2
+0.4 +0.6
+0.8 +1.0 +1.2
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
+1.4
Figure 13. Inductive Load Switching
Note A: Input pulse width is increased until ICM = 0.71 A,
NPN test shown; for PNP test
reverse all polarity and use MJE224 driver.
0.71 A
0 V
−5 V
tw ≈ 3.5 ms (SEE NOTE A)
INPUT
VOLTAGE
COLLECTOR
CURRENT
COLLECTOR
VOLTAGE
VCER
0 V
20 V
100 ms
VCE(sat)
INPUT
MJE254
50
W
50
W
RBB1
2k
W
RBB2
100
W
VBB2 = 0
TUT
VCE MONITOR
100 mH
VCC = 20 V
IC
MONITOR
RS =
0.1
W
TEST CIRCUIT
VOLTAGE AND CURRENT WAVEFORMS
+
−
VBB1 = 10 V
+
−



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com