Electronic Components Datasheet Search
  English  ▼

X  

TIP112 Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP112
Description  Plastic Medium-Power Complementary Silicon Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP112 Datasheet(HTML) 1 Page - ON Semiconductor

  TIP112 Datasheet HTML 1Page - ON Semiconductor TIP112 Datasheet HTML 2Page - ON Semiconductor TIP112 Datasheet HTML 3Page - ON Semiconductor TIP112 Datasheet HTML 4Page - ON Semiconductor TIP112 Datasheet HTML 5Page - ON Semiconductor TIP112 Datasheet HTML 6Page - ON Semiconductor TIP112 Datasheet HTML 7Page - ON Semiconductor TIP112 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 5
1
Publication Order Number:
TIP110/D
TIP110, TIP111, TIP112
(NPN); TIP115, TIP116,
TIP117 (PNP)
TIP111, TIP112, TIP116, and TIP117 are Preferred Devices
Plastic Medium−Power
Complementary Silicon
Transistors
Designed for general−purpose amplifier and low−speed switching
applications.
Features
• High DC Current Gain −
hFE = 2500 (Typ) @ IC
= 1.0 Adc
• Collector−Emitter Sustaining Voltage − @ 30 mAdc
VCEO(sus) = 60 Vdc (Min) − TIP110, TIP115
= 80 Vdc (Min) − TIP111, TIP116
= 100 Vdc (Min) − TIP112, TIP117
• Low Collector−Emitter Saturation Voltage −
VCE(sat) = 2.5 Vdc (Max) @ IC
= 2.0 Adc
• Monolithic Construction with Built−in Base−Emitter Shunt Resistors
• Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−220AB
CASE 221A
STYLE 1
Preferred devices are recommended choices for future use
and best overall value.
MARKING
DIAGRAM
DARLINGTON
2 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
60−80−100 VOLTS, 50 WATTS
http://onsemi.com
1
2
3
4
TIP11x
= Device Code
x
= 0, 1, 2, 5, 6, or 7
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
TIP11xG
AYWW
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - TIP112

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP112 MOSPEC-TIP112 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
logo
Motorola, Inc
TIP112 MOTOROLA-TIP112 Datasheet
269Kb / 6P
DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP112 ONSEMI-TIP112 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Power Innovations Ltd
TIP112 POINN-TIP112 Datasheet
101Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP112 STMICROELECTRONICS-TIP112 Datasheet
72Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1999
More results

Similar Description - TIP112

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com