Electronic Components Datasheet Search
  English  ▼

X  

CBS250 Datasheet(PDF) 19 Page - Cisco Systems, Inc.

Part # CBS250
Description  Switches inteligentes Cisco Business serie 250
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

CBS250 Datasheet(HTML) 19 Page - Cisco Systems, Inc.

Back Button CBS250 Datasheet HTML 15Page - Cisco Systems, Inc. CBS250 Datasheet HTML 16Page - Cisco Systems, Inc. CBS250 Datasheet HTML 17Page - Cisco Systems, Inc. CBS250 Datasheet HTML 18Page - Cisco Systems, Inc. CBS250 Datasheet HTML 19Page - Cisco Systems, Inc. CBS250 Datasheet HTML 20Page - Cisco Systems, Inc. CBS250 Datasheet HTML 21Page - Cisco Systems, Inc. CBS250 Datasheet HTML 22Page - Cisco Systems, Inc. CBS250 Datasheet HTML 23Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
© 2020 Cisco o sus filiales. Todos los derechos reservados.
Página 19 de 25
Característica
Descripción
CBS250-24FP-4X
1,5 MB
CBS250-48T-4X
3 MB
CBS250-48P-4X
3 MB
Módulos SFP/SFP+
compatibles
SKU
Medio de conexión
Velocidad
Distancia máxima
MGBSX1
Fibra óptica multimodo 1000 Mbps
500 m
MGBLH1
Fibra óptica
monomodo
1000 Mbps
40 km
MGBLX1
Fibra óptica
monomodo
1000 Mbps
10 km
MGBT1
UTP cat.5e
1000 Mbps
100 m
GLC-SX-MMD
Fibra óptica multimodo 1000 Mbps
550 m
GLC-LH-SMD
Fibra óptica
monomodo
1000 Mbps
10 km
GLC-BX-U
Fibra óptica
monomodo
1000 Mbps
10 km
GLC-BX-D
Fibra óptica
monomodo
1000 Mbps
10 km
GLC-TE
UTP cat.5e
1000 Mbps
100 m
SFP-H10GB-CU1M Coaxial de cobre
10 Gigabits
1 m
SFP-H10GB-CU3M Coaxial de cobre
10 Gigabits
3 m
SFP-H10GB-CU5M Coaxial de cobre
10 Gigabits
5 m
SFP-10G-SR
Fibra óptica multimodo 10 Gigabits
26 m - 400 m
SFP-10G-LR
Fibra óptica
monomodo
10 Gigabits
10 km
SFP-10G-SR-S
Fibra óptica multimodo 10 Gigabits
26 m - 400 m
SFP-10G-LR-S
Fibra óptica
monomodo
10 Gigabits
10 km
Consideraciones ambientales
Dimensiones de la unidad
(ancho x altura x
profundidad)
Nombre del modelo
Dimensiones de la unidad
CBS250-8T-E-2G
268 x 185 x 44 mm (10,56 x 7,28 x 1,73 in)
CBS250-8PP-E-2G
268 x 185 x 44 mm (10,56 x 7,28 x 1,73 in)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com