Electronic Components Datasheet Search
  English  ▼

X  

CBS350 Datasheet(PDF) 21 Page - Cisco Systems, Inc.

Part # CBS350
Description  Cisco Business 350 Series Managed Switches
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

CBS350 Datasheet(HTML) 21 Page - Cisco Systems, Inc.

Back Button CBS350 Datasheet HTML 17Page - Cisco Systems, Inc. CBS350 Datasheet HTML 18Page - Cisco Systems, Inc. CBS350 Datasheet HTML 19Page - Cisco Systems, Inc. CBS350 Datasheet HTML 20Page - Cisco Systems, Inc. CBS350 Datasheet HTML 21Page - Cisco Systems, Inc. CBS350 Datasheet HTML 22Page - Cisco Systems, Inc. CBS350 Datasheet HTML 23Page - Cisco Systems, Inc. CBS350 Datasheet HTML 24Page - Cisco Systems, Inc. CBS350 Datasheet HTML 25Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
© 2022 Cisco and/or its affiliates. All rights reserved.
Page 21 of 39
Feature
Description
CBS350-24S-4G
110V=32.0W
220V=34.3W
N/A
117.0
CBS350-48T-4G
110V=48.27W
220V=48.64W
N/A
165.96
CBS350-48P-4G
110V=60.77W
220V=59.73W
110V=451.95W
220V=445.85W
1,542.12
CBS350-48FP-4G
110V=73.79W
220V=74.03W
110V=886.42W
220V=859.50W
3,024.59
CBS350-24T-4X
110V=27.54W
220V=27.25W
N/A
93.32
CBS350-24P-4X
110V=35.72W
220V=34.53W
110V=240.4W
220V=236.9W
823.01
CBS350-24FP-4X
110V=47.14W
220V=47.01W
110V=451.8W
220V=437.4W
1,544.34
CBS350-48T-4X
110V=51.01W
220V=50.58W
N/A
174.06
CBS350-48P-4X
110V=61.53W
220V=60.73W
110V=471.90W
220V=463.32W
1,610.19
CBS350-48FP-4X
110V=76.18W
220V=76.22W
110V=889.35W
220V=865.02W
3,034.59
CBS350-8MGP-2X
110V=29.8W
220V=31.3W
110V=167W
220V=165.2W
569.5
CBS350-8MP-2X
110V=48.4W
220V=50.5W
110V=312.4W
220V=307.3W
1,065.9
CBS350-24MGP-4X 110V=64.3W
220V=64.8W
110V=476.6W
220V=450.6W
1,626.2
CBS350-12NP-4X
110V=59.8W
220V=60.1W
110V=494.5W
220V=476.4W
1,687.3
CBS350-24NGP-4X 110V=56.9W
220V=56.6W
110V=488.9W
220V=474.5W
1,668.2
CBS350-48NGP-4X 110V=94.1W
220V=93.7W
110V=916W
220V=914.4W
3,125.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com