Electronic Components Datasheet Search
  English  ▼

X  

CBS350 Datasheet(PDF) 34 Page - Cisco Systems, Inc.

Part # CBS350
Description  Cisco Business 350 Series Managed Switches
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

CBS350 Datasheet(HTML) 34 Page - Cisco Systems, Inc.

Back Button CBS350 Datasheet HTML 30Page - Cisco Systems, Inc. CBS350 Datasheet HTML 31Page - Cisco Systems, Inc. CBS350 Datasheet HTML 32Page - Cisco Systems, Inc. CBS350 Datasheet HTML 33Page - Cisco Systems, Inc. CBS350 Datasheet HTML 34Page - Cisco Systems, Inc. CBS350 Datasheet HTML 35Page - Cisco Systems, Inc. CBS350 Datasheet HTML 36Page - Cisco Systems, Inc. CBS350 Datasheet HTML 37Page - Cisco Systems, Inc. CBS350 Datasheet HTML 38Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
© 2022 Cisco and/or its affiliates. All rights reserved.
Page 34 of 39
Model Name
Order Product ID Number
Description
CBS350-16T-E-2G
CBS350-16T-E-2G-xx
●
16 10/100/1000 ports
●
2 Gigabit SFP
●
Rack-mountable
CBS350-16P-2G
CBS350-16P-2G-xx
●
16 10/100/1000 PoE+ ports with 120W power budget
●
2 Gigabit SFP
●
Rack-mountable
CBS350-16P-E-2G
CBS350-16P-E-2G-xx
●
16 10/100/1000 PoE+ ports with 120W power budget
●
2 Gigabit SFP
●
Rack-mountable
CBS350-16FP-2G
CBS350-16FP-2G-xx
●
16 10/100/1000 PoE+ ports with 240W power budget
●
2 Gigabit SFP
●
Rack-mountable
CBS350-24T-4G
CBS350-24T-4G-xx
●
24 10/100/1000 ports
●
4 Gigabit SFP
●
Rack-mountable
CBS350-24P-4G
CBS350-24P-4G-xx
●
24 10/100/1000 PoE+ ports with 195W power budget
●
4 Gigabit SFP
●
Rack-mountable
CBS350-24FP-4G
CBS350-24FP-4G-xx
●
24 10/100/1000 PoE+ ports with 370W power budget
●
4 Gigabit SFP
●
Rack-mountable
CBS350-24S-4G
CBS350-24S-4G-xx
●
24 Gigabit SFP
●
2 Gigabit copper/SFP combo + 2 Gigabit SFP
●
Rack-mountable
CBS350-48T-4G
CBS350-48T-4G-xx
●
48 10/100/1000 ports
●
4 Gigabit SFP
●
Rack-mountable
CBS350-48P-4G
CBS350-48P-4G-xx
●
48 10/100/1000 PoE+ ports with 370W power budget
●
4 Gigabit SFP
●
Rack-mountable
CBS350-48FP-4G
CBS350-48FP-4G-xx
●
48 10/100/1000 PoE+ ports with 740W power budget
●
4 Gigabit SFP
●
Rack-mountable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com