Electronic Components Datasheet Search
  English  ▼

X  

CBS350 Datasheet(PDF) 5 Page - Cisco Systems, Inc.

Part # CBS350
Description  Cisco Business 350 Series Managed Switches
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

CBS350 Datasheet(HTML) 5 Page - Cisco Systems, Inc.

  CBS350 Datasheet HTML 1Page - Cisco Systems, Inc. CBS350 Datasheet HTML 2Page - Cisco Systems, Inc. CBS350 Datasheet HTML 3Page - Cisco Systems, Inc. CBS350 Datasheet HTML 4Page - Cisco Systems, Inc. CBS350 Datasheet HTML 5Page - Cisco Systems, Inc. CBS350 Datasheet HTML 6Page - Cisco Systems, Inc. CBS350 Datasheet HTML 7Page - Cisco Systems, Inc. CBS350 Datasheet HTML 8Page - Cisco Systems, Inc. CBS350 Datasheet HTML 9Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
© 2022 Cisco and/or its affiliates. All rights reserved.
Page 5 of 39
●
Support for Simple Network Management Protocol (SNMP) allows you to set up and manage your
switches and other Cisco devices remotely from a network management station, improving IT workflow
and mass configurations.
High Reliability and Resiliency
In a growing business where availability 24 hours a day, 7 days a week is critical, you need to ensure business
continuity and that employees can always access the data and resources they need. The Cisco Business 350
Series Switches support dual images, allowing you to perform software upgrades without having to take the
network offline or worry about the network going down during the upgrade.
Strong Security
Cisco Business 350 Series Switches provide the advanced security features you need to protect your business
data and keep unauthorized users off the network:
●
Support for advanced network security applications such as IEEE 802.1X and port security tightly limits
access to specific segments of your network. Web-based authentication provides a consistent interface
to authenticate all types of host devices and operating systems, without the complexity of deploying IEEE
802.1X clients on each endpoint.
●
Advanced defense mechanisms, including dynamic Address Resolution Protocol (ARP) inspection, IP
Source Guard, and Dynamic Host Configuration Protocol (DHCP) snooping, detect and block deliberate
network attacks. Combinations of these protocols are also referred to as IP-MAC port binding (IPMB).
●
IPv6 First Hop Security extends the advanced threat protection to IPv6. This comprehensive security
suite includes ND inspection, RA guard, DHCPv6 guard, and neighbor binding integrity check, providing
unparalleled protection against a vast range of address spoofing and man-in-the-middle attacks on IPv6
networks.
Power over Ethernet
Cisco Business 350 Series Switches are available with up to 48 Power over Ethernet (PoE) ports. This capability
simplifies advanced technology deployments such as IP telephony, wireless, and IP surveillance by allowing you
to connect and power network endpoints over a single Ethernet cable. With no need to install separate power
supplies for IP phones or wireless access points, you can take advantage of advanced communications
technologies more quickly and at a lower cost. Models support 802.3af PoE and 802.3at PoE+. 60W PoE is also
supported on select switches to power high-performance wireless access points and Internet of Things (IoT)
devices.
IPv6 Support
As the IP address scheme evolves to accommodate a growing number of network devices, the Cisco Business
350 Series Switches can support the transition to the next generation of networking. These switches continue
to support previous-generation IPv4, allowing you to evolve to the new IPv6 standard at your own pace and
helping ensure that your current network will continue to support your business applications in the future. Cisco
Business 350 Series Switches have successfully completed rigorous IPv6 testing and have received the USGv6
and IPv6 Gold certification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com