Electronic Components Datasheet Search
  English  ▼

X  

MSP430F149IPM Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F149IPM
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F149IPM Datasheet(HTML) 35 Page - Texas Instruments

Back Button MSP430F149IPM Datasheet HTML 31Page - Texas Instruments MSP430F149IPM Datasheet HTML 32Page - Texas Instruments MSP430F149IPM Datasheet HTML 33Page - Texas Instruments MSP430F149IPM Datasheet HTML 34Page - Texas Instruments MSP430F149IPM Datasheet HTML 35Page - Texas Instruments MSP430F149IPM Datasheet HTML 36Page - Texas Instruments MSP430F149IPM Datasheet HTML 37Page - Texas Instruments MSP430F149IPM Datasheet HTML 38Page - Texas Instruments MSP430F149IPM Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
35
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Detailed Description
Copyright © 2000–2018, Texas Instruments Incorporated
(1)
Multiple source flags
(2)
(Non)maskable: the individual interrupt-enable bit can disable an interrupt event, but the general-interrupt enable can not disable it.
(3)
Timer_B7 in the MSP430F14x(1) MCUs has 7 CCRs, and Timer_B3 in the MSP430F13x MCUs has 3 CCRs. In Timer_B3, there are
only interrupt flags TBCCR0, TBCCR1, and TBCCR2 CCIFGs and the interrupt-enable bits TBCCTL0, TBCCTL1, and TBCCTL2 CCIEs.
(4)
Interrupt flags are located in the module.
(5)
ADC12 is not implemented on the MSP430F14x1 devices.
6.4
Interrupt Vector Addresses
The interrupt vectors and the power-up starting address are in the address range 0FFFFh to 0FFE0h. The
vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence.
Table 6-3. Interrupt Sources, Flags, and Vectors
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM
INTERRUPT
WORD
ADDRESS
PRIORITY
Power up
External reset
Watchdog
Flash memory
WDTIFG
KEYV(1)
Reset
0FFFEh
15, highest
NMI
Oscillator fault
Flash memory access violation
NMIIFG
OFIFG
ACCVIFG(1)
(Non)maskable(2)
0FFFCh
14
Timer_B7(3)
TBCCR0 CCIFG(4)
Maskable
0FFFAh
13
Timer_B7(3)
TBCCR1 to 6 CCIFGs,
TBIFG(1)(4)
Maskable
0FFF8h
12
Comparator_A
CAIFG
Maskable
0FFF9h
11
Watchdog timer
WDTIFG
Maskable
0FFF4h
10
USART0 receive
URXIFG0
Maskable
0FFF2h
9
USART0 transmit
UTXIFG0
Maskable
0FFF0h
8
ADC12(5)
ADC12IFG(1)(4)
Maskable
0FFEEh
7
Timer_A3
TACCR0 CCIFG(4)
Maskable
0FFECh
6
Timer_A3
TACCR1 CCIFG,
TACCR2 CCIFG,
TAIFG(1)(4)
Maskable
0FFEAh
5
I/O port P1 (eight flags)
P1IFG.0 to P1IFG.7(1)(4)
Maskable
0FFE8h
4
USART1 receive
URXIFG1
Maskable
0FFE6h
3
USART1 transmit
UTXIFG1
Maskable
0FFE4h
2
I/O port P2 (eight flags)
P2IFG.0 to P2IFG.7(1)(4)
Maskable
0FFE2h
1
–
–
–
0FFE0h
0, lowest
6.5
Bootloader (BSL)
The MSP430 BSL lets users program the flash memory or RAM using a UART serial interface. Access to
the MSP430 memory through the BSL is protected by a user-defined password. For complete description
of the features of the BSL and its implementation, see the MSP430™ Flash Device Bootloader (BSL)
User's Guide. Table 6-4 lists the pin requirements for the BSL.
Table 6-4. BSL Pin Requirements and Functions
BSL FUNCTION
PM, PAG, AND RTD PACKAGE
PINS
Data transmit
13 - P1.1
Data receive
22 - P2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com