Electronic Components Datasheet Search
  English  ▼

X  

MSP430F149IPM Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F149IPM
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F149IPM Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP430F149IPM Datasheet HTML 40Page - Texas Instruments MSP430F149IPM Datasheet HTML 41Page - Texas Instruments MSP430F149IPM Datasheet HTML 42Page - Texas Instruments MSP430F149IPM Datasheet HTML 43Page - Texas Instruments MSP430F149IPM Datasheet HTML 44Page - Texas Instruments MSP430F149IPM Datasheet HTML 45Page - Texas Instruments MSP430F149IPM Datasheet HTML 46Page - Texas Instruments MSP430F149IPM Datasheet HTML 47Page - Texas Instruments MSP430F149IPM Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
44
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Detailed Description
Copyright © 2000–2018, Texas Instruments Incorporated
Table 6-14. Peripherals With Word Access (continued)
MODULE
REGISTER NAME
ACRONYM
ADDRESS
Hardware multiplier
(MSP430F14x and
MSP430F14x1 only)
Sum extend
SUMEXT
013Eh
Result high word
RESHI
013Ch
Result low word
RESLO
013Ah
Operand 2
OP2
0138h
Multiply signed and accumulate operand 1
MACS
0136h
Multiply and accumulate operand 1
MAC
0134h
Multiply signed operand 1
MPYS
0132h
Multiply unsigned operand 1
MPY
0130h
Flash
Flash control 3
FCTL1
012Ch
Flash control 2
FCTL2
012Ah
Flash control 1
FCTL1
0128h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com