Electronic Components Datasheet Search
  English  ▼

X  

MSP430F149IPM Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F149IPM
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F149IPM Datasheet(HTML) 36 Page - Texas Instruments

Back Button MSP430F149IPM Datasheet HTML 32Page - Texas Instruments MSP430F149IPM Datasheet HTML 33Page - Texas Instruments MSP430F149IPM Datasheet HTML 34Page - Texas Instruments MSP430F149IPM Datasheet HTML 35Page - Texas Instruments MSP430F149IPM Datasheet HTML 36Page - Texas Instruments MSP430F149IPM Datasheet HTML 37Page - Texas Instruments MSP430F149IPM Datasheet HTML 38Page - Texas Instruments MSP430F149IPM Datasheet HTML 39Page - Texas Instruments MSP430F149IPM Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
Time TMS goes low after POR
TMS
I
TF
I
TDI/TCLK
36
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Detailed Description
Copyright © 2000–2018, Texas Instruments Incorporated
6.6
JTAG Fuse Check Mode
MSP430 MCUs that have the fuse on the TDI/TCLK terminal have a fuse check mode that tests the
continuity of the fuse the first time the JTAG port is accessed after a power-on reset (POR). When
activated, a fuse check current (ITF) of 1 mA at 3 V or 2.5 mA at 5 V can flow from the TDI/TCLK pin to
ground if the fuse is not burned. Care must be taken to avoid accidentally activating the fuse check mode
and increasing overall system power consumption.
Activation of the fuse check mode occurs with the first negative edge on the TMS pin after power up or if
the TMS is being held low during power up. The second positive edge on the TMS pin deactivates the
fuse check mode. After deactivation, the fuse check mode remains inactive until another POR occurs.
After each POR the fuse check mode has the potential to be activated.
The fuse check current flows only when the fuse check mode is active and the TMS pin is in a low state
(see Figure 6-2). Therefore, the additional current flow can be prevented by holding the TMS pin high
(default condition).
Figure 6-2. Fuse Check Mode Current
6.7
Memory
Table 6-5 summarizes the memory map of all device variants.
Table 6-5. Memory Organization
MSP430F133
MSP430F135
MSP430F147
MSP430F1471
MSP430F148
MSP430F1481
MSP430F149
MSP430F149
Memory (flash)
Size
8KB
16KB
32KB
48KB
60KB
Main: interrupt vector
Flash
0FFFFh to
0FFE0h
0FFFFh to
0FFE0h
0FFFFh to
0FFE0h
0FFFFh to
0FFE0h
0FFFFh to
0FFE0h
Main: code memory
Flash
0FFFFh to
0E000h
0FFFFh to
0C000h
0FFFFh to
08000h
0FFFFh to
04000h
0FFFFh to
01100h
Information memory
Size
256 bytes
256 bytes
256 bytes
256 bytes
256 bytes
Flash 010FFh to 01000h 010FFh to 01000h 010FFh to 01000h 010FFh to 01000h 010FFh to 01000h
Boot memory
Size
1KB
1KB
1KB
1KB
1KB
Flash
0FFFh to 0C00h
0FFFh to 0C00h
0FFFh to 0C00h
0FFFh to 0C00h
0FFFh to 0C00h
RAM
Size
256 bytes
512 bytes
1KB
2KB
2KB
RAM
02FFh to 0200h
03FFh to 0200h
05FFh to 0200h
09FFh to 0200h
09FFh to 0200h
Peripherals
16-bit
01FFh to 0100h
01FFh to 0100h
01FFh to 0100h
01FFh to 0100h
01FFh to 0100h
8-bit
0FFh to 010h
0FFh to 010h
0FFh to 010h
0FFh to 010h
0FFh to 010h
8-bit SFR
0Fh to 00h
0Fh to 00h
0Fh to 00h
0Fh to 00h
0Fh to 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com