Electronic Components Datasheet Search
  English  ▼

X  

MSP430F149IPM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F149IPM
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F149IPM Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F149IPM Datasheet HTML 1Page - Texas Instruments MSP430F149IPM Datasheet HTML 2Page - Texas Instruments MSP430F149IPM Datasheet HTML 3Page - Texas Instruments MSP430F149IPM Datasheet HTML 4Page - Texas Instruments MSP430F149IPM Datasheet HTML 5Page - Texas Instruments MSP430F149IPM Datasheet HTML 6Page - Texas Instruments MSP430F149IPM Datasheet HTML 7Page - Texas Instruments MSP430F149IPM Datasheet HTML 8Page - Texas Instruments MSP430F149IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
5
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Revision History
Copyright © 2000–2018, Texas Instruments Incorporated
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from February 12, 2009 to May 23, 2018
Page
•
Document format and organization changes throughout
........................................................................ 1
•
Added Section 1.2, Applications
.................................................................................................... 1
•
Added Section 3, Device Comparison
............................................................................................ 6
•
Added Section 5.2, ESD Ratings
.................................................................................................. 16
•
Removed note (2) with duplicate information from the fLFXT1 parameter in Section 5.3, Recommended Operating
Conditions
........................................................................................................................... 16
•
Removed duplicate conditions "XTS = 0, SELM = 0 or 1" from the second row of Test Conditions on the I(AM)
parameter in Section 5.4, Supply Current Into AVCC and DVCC Excluding External Current.............................. 17
•
Added Section 5.5, Thermal Resistance Characteristics
...................................................................... 18
•
Removed ADC12DIV from the equation in the TYP value of the tCONVERT parameter (because ADC12CLK is
after division) in Section 5.26, 12-Bit ADC, Timing Parameters
.............................................................. 30
•
Changed all instances of bootstrap loader to bootloader throughout document
............................................ 35
•
Added Section 7, Device and Documentation Support
......................................................................... 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com