Electronic Components Datasheet Search
  English  ▼

X  

BP3309 Datasheet(PDF) 3 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3309
Description  PSR Single-Stage APFC Offline LED Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3309 Datasheet(HTML) 3 Page - Bright Power Semiconductor Co., Ltd.

  BP3309 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BP3309
PSR Single-Stage APFC Offline LED Controller
BP3309_DS_Rev 1.2
www.bpsemi.com
3
Bright Power Semiconductor Co. Confidential – Customer Use Only
Absolute Maximum Ratings (note1)
Symbol
Parameters
Range
Units
VCC
VCC pin input voltage
-0.3~22
V
CS
Current sense pin input voltage
-0.3~6
V
COMP
Compensation pin input voltage
-0.3~6
V
LN
Line voltage sense pin input voltage
-0.3~6
V
FB
Feedback pin input voltage
-0.3~6
V
IST_MAX
ST pin maximum sink current
5
mA
OUT
Internal MOSFET Drain voltage
-0.3~18
V
IOUT
Internal MOSFET maximum current
3
A
PDMAX
Power dissipation (note2)
0.45
W
θ
JA
Thermal resistance (Junction to Ambient)
145
℃/W
TJ
Operating junction temperature
-40 to 150
℃
TSTG
Storage temperature range
-55 to 150
℃
ESD (note3)
2
KV
Note 1: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. Under “recommended operating
conditions” the device operation is assured, but some particular parameter may not be achieved. The electrical characteristics table defines the operation
range of the device, the electrical characteristics is assured on DC and AC voltage by test program. For the parameters without minimum and maximum
value in the EC table, the typical value defines the operation range, the accuracy is not guaranteed by spec.
Note 2: The maximum power dissipation decrease if temperature rise, it is decided by TJMAX, θJA, and environment temperature (TA). The maximum power
dissipation is the lower one between PDMAX = (TJMAX - TA)/ θJA and the number listed in the maximum table.
Note 3: Human Body mode, 100pF capacitor discharge on 1.5KΩ resistor
Recommended Operation Conditions
Symbol
Parameter
Range
Unit
VCC
Power supply voltage
11.5~17.5
V
Recommended Key Component Value
Symbol
Parameter
Value
Unit
Cap_VCC
VCC capacitor
2.2
uF
Cap_ST
Start up capacitor
470
nF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com