Electronic Components Datasheet Search
  English  ▼

X  

BP3309 Datasheet(PDF) 7 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3309
Description  PSR Single-Stage APFC Offline LED Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3309 Datasheet(HTML) 7 Page - Bright Power Semiconductor Co., Ltd.

  BP3309 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BP3309
PSR Single-Stage APFC Offline LED Controller
BP3309_DS_Rev 1.2
www.bpsemi.com
7
Bright Power Semiconductor Co. Confidential – Customer Use Only
The current in LED can be calculated by the
equation:
S
P
OUT
N
N
Rcs
V
I
2
REF
Where,
VREF: Internal reference voltage, typical 0.3V
NP: Primary winding turns of transformer
NS: Secondary winding turns of transformer
Feedback Network
The BP3309 senses the output current crossing zero
through the feedback network, the FB falling
threshold voltage is set to 0.4V with 0.6V hysteresis.
The FB pin is also used to detect output OVP, the
threshold voltage is 5.5V. The ratio of FB upper
resistor to lower resistor can be set as:
A
S
OVP
FBH
FBL
FBL
N
N
V
V
R
R
R
5
.
5
Where,
RFBL: The lower resistor of the feedback network
RFBH: The upper resistor of the feedback network
VOVP: Output over voltage setting point
NS: Secondary winding turns of transformer
NA: Auxiliary winding turns of transformer
The FB upper resistor can be set to around 300KΩ to
improve the system efficiency. It is also used for fine
tuning the LED current line compensation.
Protection Function
The BP3309 has many protection functions to
improve the system reliability. When the voltage on
VCC reaches the corresponding 20V OVP threshold,
such as under open LED condition, it will trigger
fault logic and latch, the system stops switching.
When the LED is shorted circuit, the system will
work under 7kHz switching frequency, so the power
consumption is low. At the same while, the COMP
pin voltage will rise up until it reaches 4.5V. It will
trigger fault logic and latch, the system stops
switching. At some catastrophic fault condition, such
as shorted CS resistor or flyback transformer
saturation, the internal fast fault detection circuit will
trigger and the system stop switching immediately.
The over temperature protection circuitry in the
BP3309 monitors the die junction temperature after
start up. When the temperature rises to 150℃, the
system will stop switching and latched. The power
MOSFET will be shut down immediately and
maintains
at
switch
off
condition
until
the
temperature on die falls 30℃ below the thermal
protection trigger point.
After the system enters into fault latch condition, the
VCC voltage will fall until it reaches UVLO threshold.
Then the system will re-start again. If the fault
condition is removed, the system will work normally.
PCB Layout
The following guidelines should be followed in
BP3309 PCB layout:
Bypass Capacitor
The bypass capacitor on ST and VCC pin should be as
close as possible to the respective pins.
Ground Path
The power ground path for current sense should be
short, and the power ground path should be separated
from small signal ground path before the negative
node of the bus capacitor.
The Area of Power Loop
The area of main current loop should be as small as
possible to reduce EMI radiation, such as the
primary current loop, the snubber circuit and the
secondary rectifying loop.
FB Pin
The feedback resistor divider should be as close as
possible to the FB pin and the node must keep away
from dynamic node of the transformer.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com