Electronic Components Datasheet Search
  English  ▼

X  

BP3309 Datasheet(PDF) 6 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3309
Description  PSR Single-Stage APFC Offline LED Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3309 Datasheet(HTML) 6 Page - Bright Power Semiconductor Co., Ltd.

  BP3309 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BP3309
PSR Single-Stage APFC Offline LED Controller
BP3309_DS_Rev 1.2
www.bpsemi.com
6
Bright Power Semiconductor Co. Confidential – Customer Use Only
Internal Block Diagram
+
-
Demag
&OVP
Gm
VREF
Start
Up
UVLO
&VREF
Current
Sense
Current
Control
Logic
Protection
Driver
PFC
Control
FB
CS
OUT
VCC
ST
LN
COMP
GND
2
3
4
7
6
8
1
5
Figure 3. BP3309 Internal Block Diagram
Function Description
The BP3309 is a high precision PSR single-stage
Active PFC controller for offline constant current
LED lighting. By using critical conduction mode, the
controller achieves high power factor, low THD and
high efficiency.
Start Up
The capacitor at ST pin is charged from the rectified
bus voltage through the start-up resistor when the
system
is
powered
on
(the
ST
capacitor
is
recommended to 470nF), and VCC voltage will
follow ST pin voltage ramp (the VCC capacitor is
recommended to 2.2uF). The BP3309 uses source
driver architecture and patent pending internal
charging circuit for ultra fast VCC startup, while need
not compromise the system efficiency.
Once the voltage on VCC reaches the start-up
threshold, the BP3309 starts to switch and the
internal charging circuit turns off. Then the VCC is
supplied by the auxiliary winding. At the first
switching cycles, the switching frequency is 7kHz
and the LED current is softly rising up to avoid
overshoot. The total time from power on to LED turn
on is around 200ms @85Vac, even with 1MΩ startup
resistor.
At normal operation, in case the LED number is very
few and the auxiliary winding can’t supply the V
CC,
the internal charging circuit will turn on again to
supply the VCC. Then VCC will stay at a voltage near
10V, and the system still can work normally. With
this function, the system can work at wide range of
LED numbers.
Constant Current Control
The BP3309 uses proprietary current sensing scheme,
it can precisely control the LED current without
secondary side sense and feedback circuit including
opto-coupler.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com