Electronic Components Datasheet Search
  English  ▼

X  

BP3309 Datasheet(PDF) 1 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3309
Description  PSR Single-Stage APFC Offline LED Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3309 Datasheet(HTML) 1 Page - Bright Power Semiconductor Co., Ltd.

  BP3309 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 3Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 4Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 5Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 6Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 7Page - Bright Power Semiconductor Co., Ltd. BP3309 Datasheet HTML 8Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BP3309
PSR Single-Stage APFC Offline LED Controller
BP3309_DS_Rev 1.2
www.bpsemi.com
1
Bright Power Semiconductor Co. Confidential – Customer Use Only
Description
The
BP3309
is
a
high
precision
primary-side
regulation isolated flyback controller with single-stage
Active PFC, specially designed for offline constant
current LED lighting. The controller with on-chip PFC
circuit operates in critical conduction mode to achieve
high power factor and reduce the power MOSFET
switching loss. Using proprietary current sensing
scheme, the controller can precisely control the LED
current without secondary side sense and feedback
circuit including opto-coupler. It uses source driver
architecture and patent pending internal charging
circuit for low primary side switching loss, ultra fast
VCC startup and LED turn on.
The BP3309 uses patent compensation method to
achieve excellent line regulation, and it still can be
tuned externally for flexibility.
The controller also
has outstanding load regulation for driving wide range
of LED numbers.
The BP3309 offers rich protection functions to
improve the system reliability, including LED short
circuit protection, LED open circuit protection, VCC
over voltage protection, VCC under voltage protection,
CS resistor short circuit protection, CS resistor open
circuit protection, cycle-by-cycle current limit and die
over-temperature
protection.
All
the
protection
features are auto-recovery.
Features
Single-Stage Active PFC for High Power Factor
and Low THD
Primary Side Control Constant Current Operation,
No Opto-Coupler required
Ultra Fast LED Turn On( <200ms @85Vac)
±3% LED Current Accuracy
Excellent Line and Load Regulation
Critical Conduction Mode Operation
Source Driver Structure for Improved Efficiency
Ultra-Low (20uA) Startup Current
Ultra-Low (600uA) Operating Current
High Resistance Feedback Resistor for Improved
Efficiency
LED Short and Open Circuit Protection
CS Resistor Short and Open Circuit Protection
Transformer Saturation Protection
Cycle-by-Cycle Current Limit
VCC Over-voltage and Under-voltage Protection
Over Temperature Protection
Auto Recovery
Available in SOP-8 package
Applications
E27/ GU10 LED Bulb, Spot Light
PAR30, PAR38 LED Lamp
T8/T10 LED String
Other LED Lighting
Typical Application
NA
NP
NS
AC
BP3309
COMP
CS
ST
FB
OUT
GND
LN
VCC
4
1
3
2
7
8
6
5
Figure 1. Typical application circuit for BP3309


Similar Part No. - BP3309

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP33-12 BB-BATTERY-BP33-12 Datasheet
237Kb / 1P
VRLA Rechargeable Battery Handle Type
BP33-12 BB-BATTERY-BP33-12 Datasheet
554Kb / 1P
VRLA Rechargeable Battery Standard Type
BP33-12-F-TYPE BB-BATTERY-BP33-12-F-TYPE Datasheet
179Kb / 1P
VRLA Rechargeable Battery
BP33-12-H-TYPE BB-BATTERY-BP33-12-H-TYPE Datasheet
199Kb / 1P
VRLA Rechargeable Battery
BP33-12-S-TYPE BB-BATTERY-BP33-12-S-TYPE Datasheet
164Kb / 1P
VRLA Rechargeable Battery
More results

Similar Description - BP3309

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCL2300 UTC-UCL2300 Datasheet
188Kb / 5P
PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
UCL2310 UTC-UCL2310 Datasheet
197Kb / 7P
PSR SINGLE-STAGE APFC OFFLINE LED CONTROLLER
logo
Bright Power Semiconduc...
BP2329AJ BPS-BP2329AJ Datasheet
157Kb / 2P
Non-isolated Buck APFC Offline LED Controller
BP3316D BPS-BP3316D Datasheet
146Kb / 2P
PSR Single-Stage APFC Offline LED Driver
BP3319MB BPS-BP3319MB Datasheet
180Kb / 2P
PSR Single-Stage APFC Offline LED Controller
logo
Princeton Technology Co...
PT6978A PTC-PT6978A Datasheet
425Kb / 4P
Single Stage APFC Buck LED Driver
PT6978H PTC-PT6978H Datasheet
363Kb / 4P
Single-Stage APFC Buck LED Driver
PT6978L PTC-PT6978L Datasheet
363Kb / 4P
Single-Stage APFC Buck LED Driver
RS2335 PTC-RS2335 Datasheet
145Kb / 4P
PSR and Single Stage PFC Controller for LED Lighting
logo
Bright Power Semiconduc...
BP2329A BPS-BP2329A Datasheet
469Kb / 8P
Non-isolated Buck APFC Offline LED Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com