Electronic Components Datasheet Search
  English  ▼

X  

EFM32 Datasheet(PDF) 88 Page - Silicon Laboratories

Part # EFM32
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32 Datasheet(HTML) 88 Page - Silicon Laboratories

Back Button EFM32 Datasheet HTML 84Page - Silicon Laboratories EFM32 Datasheet HTML 85Page - Silicon Laboratories EFM32 Datasheet HTML 86Page - Silicon Laboratories EFM32 Datasheet HTML 87Page - Silicon Laboratories EFM32 Datasheet HTML 88Page - Silicon Laboratories EFM32 Datasheet HTML 89Page - Silicon Laboratories EFM32 Datasheet HTML 90Page - Silicon Laboratories EFM32 Datasheet HTML 91Page - Silicon Laboratories EFM32 Datasheet HTML 92Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 261 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input setup time, CMD,
DAT[0:3] valid to SD_CLK
tISU
11.6
—
—
ns
Input hold time, SD_CLK to
CMD, DAT[0:3] change
tIH
0
—
—
ns
Output delay time, SD_CLK
to CMD, DAT[0:3] valid
tODLY
—
—
29.5
ns
Output hold time, SD_CLK to
CMD, DAT[0:3] change
tOH
5
—
—
ns
Not Valid
Valid
Not Valid
SD_CLK
CMD,
DAT[0:3]
tWL
tWH
tISU
tIH
Input Timing
Not Valid
Valid
Not Valid
SD_CLK
CMD,
DAT[0:3]
tODLY (max)
tOH (min)
Output Timing
Figure 4.13. SDIO DS Mode Timing
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com