Electronic Components Datasheet Search
  English  ▼

X  

EFM32 Datasheet(PDF) 38 Page - Silicon Laboratories

Part # EFM32
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32 Datasheet(HTML) 38 Page - Silicon Laboratories

Back Button EFM32 Datasheet HTML 34Page - Silicon Laboratories EFM32 Datasheet HTML 35Page - Silicon Laboratories EFM32 Datasheet HTML 36Page - Silicon Laboratories EFM32 Datasheet HTML 37Page - Silicon Laboratories EFM32 Datasheet HTML 38Page - Silicon Laboratories EFM32 Datasheet HTML 39Page - Silicon Laboratories EFM32 Datasheet HTML 40Page - Silicon Laboratories EFM32 Datasheet HTML 41Page - Silicon Laboratories EFM32 Datasheet HTML 42Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 261 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Current consumption in EM3
mode, with voltage scaling
enabled
IEM3_VS
Full 512 kB RAM retention and
CRYOTIMER running from ULFR-
CO
—
3.4
—
µA
Current consumption in
EM4H mode, with voltage
scaling enabled
IEM4H_VS
128 byte RAM retention, RTCC
running from LFXO
—
0.94
—
µA
128 byte RAM retention, CRYO-
TIMER running from ULFRCO
—
0.56
—
µA
128 byte RAM retention, no RTCC
—
0.56
—
µA
Current consumption in
EM4S mode
IEM4S
No RAM retention, no RTCC
—
0.1
—
µA
Current consumption of pe-
ripheral power domain 1,
with voltage scaling enabled
IPD1_VS
Additional current consumption in
EM2/3 when any peripherals on
power domain 1 are enabled1
—
0.68
—
µA
Current consumption of pe-
ripheral power domain 2,
with voltage scaling enabled
IPD2_VS
Additional current consumption in
EM2/3 when any peripherals on
power domain 2 are enabled1
—
0.28
—
µA
Note:
1. Extra current consumed by power domain. Does not include current associated with the enabled peripherals. See 3.2.4 EM2 and
EM3 Power Domains for a list of the peripherals in each power domain.
2. CMU_LFRCOCTRL_ENVREF = 1, CMU_LFRCOCTRL_VREFUPDATE = 1
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com