Electronic Components Datasheet Search
  English  ▼

X  

EFM32 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # EFM32
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button EFM32 Datasheet HTML 35Page - Silicon Laboratories EFM32 Datasheet HTML 36Page - Silicon Laboratories EFM32 Datasheet HTML 37Page - Silicon Laboratories EFM32 Datasheet HTML 38Page - Silicon Laboratories EFM32 Datasheet HTML 39Page - Silicon Laboratories EFM32 Datasheet HTML 40Page - Silicon Laboratories EFM32 Datasheet HTML 41Page - Silicon Laboratories EFM32 Datasheet HTML 42Page - Silicon Laboratories EFM32 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 261 page
background image
4.1.8 Wake Up Times
Table 4.10. Wake Up Times
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Wake up time from EM1
tEM1_WU
—
3
—
AHB
Clocks
Wake up from EM2
tEM2_WU
Code execution from flash
—
11.8
—
µs
Code execution from RAM
—
4.1
—
µs
Wake up from EM3
tEM3_WU
Code execution from flash
—
11.8
—
µs
Code execution from RAM
—
4.1
—
µs
Wake up from EM4H1
tEM4H_WU
Executing from flash
—
94
—
µs
Wake up from EM4S1
tEM4S_WU
Executing from flash
—
294
—
µs
Time from release of reset
source to first instruction ex-
ecution
tRESET
Soft Pin Reset released
—
55
—
µs
Any other reset released
—
359
—
µs
Power mode scaling time
tSCALE
VSCALE0 to VSCALE2, HFCLK =
19 MHz4 2
—
31.8
—
µs
VSCALE2 to VSCALE0, HFCLK =
19 MHz3
—
4.3
—
µs
Note:
1. Time from wake up request until first instruction is executed. Wakeup results in device reset.
2. VSCALE0 to VSCALE2 voltage change transitions occur at a rate of 10 mV/µs for approximately 20 µs. During this transition,
peak currents will be dependent on the value of the DECOUPLE output capacitor, from 35 mA (with a 1 µF capacitor) to 70 mA
(with a 2.7 µF capacitor).
3. Scaling down from VSCALE2 to VSCALE0 requires approximately 2.8 µs + 29 HFCLKs.
4. Scaling up from VSCALE0 to VSCALE2 requires approximately 30.3 µs + 28 HFCLKs.
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com