Electronic Components Datasheet Search
  English  ▼

X  

FP1451 Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FP1451
Description  DUAL CHANNEL PWM CONTROL IC WITH SCP/DTC FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP1451 Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FP1451 Datasheet HTML 1Page - Feeling Technology Corp. FP1451 Datasheet HTML 2Page - Feeling Technology Corp. FP1451 Datasheet HTML 3Page - Feeling Technology Corp. FP1451 Datasheet HTML 4Page - Feeling Technology Corp. FP1451 Datasheet HTML 5Page - Feeling Technology Corp. FP1451 Datasheet HTML 6Page - Feeling Technology Corp. FP1451 Datasheet HTML 7Page - Feeling Technology Corp. FP1451 Datasheet HTML 8Page - Feeling Technology Corp. FP1451 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Technology
FP1451
ORDER INFORMATION
Part Number
Operating Temperature
Package
Description
FP1451P-LF
-20°C∼85°C
PDIP16
Tube
FP1451D-LF
-20°C∼85°C
SOP16
Tube
FP1451DR-LF
-20°C∼85°C
SOP16
Tape & Reel
IC DATE CODE DISTINGUISH
FP145
-
1
L
Year
Per Half Month
Lot Number
Mass Production Version
Lead Free
FOR EXAMPLE:
January
A (Front Half Month), B (Last Half Month)
February
C, D
March
E, F
------------And so on
Lot Number is the last two numbers
For Example:
A3311C
Lot Number
62
Rev0.5 Apr. 01, 2004
P3/FP1451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com