Electronic Components Datasheet Search
  English  ▼

X  

FP1451 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FP1451
Description  DUAL CHANNEL PWM CONTROL IC WITH SCP/DTC FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP1451 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FP1451 Datasheet HTML 1Page - Feeling Technology Corp. FP1451 Datasheet HTML 2Page - Feeling Technology Corp. FP1451 Datasheet HTML 3Page - Feeling Technology Corp. FP1451 Datasheet HTML 4Page - Feeling Technology Corp. FP1451 Datasheet HTML 5Page - Feeling Technology Corp. FP1451 Datasheet HTML 6Page - Feeling Technology Corp. FP1451 Datasheet HTML 7Page - Feeling Technology Corp. FP1451 Datasheet HTML 8Page - Feeling Technology Corp. FP1451 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Technology
FP1451
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (Vcc)---------------------------------------------------------------------------------------- +40V
Differential Input Voltage(Vid) ----------------------------------------------------------------------------- +20V
Collector Output Voltage(Vo) ----------------------------------------------------------------------------- +40V
Collector Output Current (Io) ------------------------------------------------------------------------- +150mA
Maximum Junction Temperature (Tj) ------------------------------------------------------------------ 150°C
Thermal Resistance Junction to Ambient (SOP package) ---------------------------------- 175°C /W
Power Dissipation
SOP16 package
Ta=25℃ ---------------------------------------------------------------------------------------------------- 650mW
Ta=70℃----------------------------------------------------------------------------------------------------- 550mW
PDIP16 package
Ta=25℃ ----------------------------------------------------------------------------------------------------1000mW
Ta=70℃----------------------------------------------------------------------------------------------------- 640mW
Operating Temperature Range ----------------------------------------------------------------- -20°C∼85°C
Storage Temperature Range ------------------------------------------------------------------ -65°C∼150°C
SOP16 Lead Temperature (soldering, 10 sec) --------------------------------------------------+260℃
PDIP16 Lead Temperature (soldering, 20 sec) -------------------------------------------------+260℃
260℃
180℃
25℃
15s 60s
190s
210℃
280s
260℃ / 10 sec
-1.2℃ / sec
+0.23℃ / sec
+3.4℃ / sec
Rev0.5 Apr. 01, 2004
P4/FP1451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com