Electronic Components Datasheet Search
  English  ▼

X  

FP1451 Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FP1451
Description  DUAL CHANNEL PWM CONTROL IC WITH SCP/DTC FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP1451 Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FP1451 Datasheet HTML 6Page - Feeling Technology Corp. FP1451 Datasheet HTML 7Page - Feeling Technology Corp. FP1451 Datasheet HTML 8Page - Feeling Technology Corp. FP1451 Datasheet HTML 9Page - Feeling Technology Corp. FP1451 Datasheet HTML 10Page - Feeling Technology Corp. FP1451 Datasheet HTML 11Page - Feeling Technology Corp. FP1451 Datasheet HTML 12Page - Feeling Technology Corp. FP1451 Datasheet HTML 13Page - Feeling Technology Corp. FP1451 Datasheet HTML 14Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Technology
FP1451
TYPICAL CHARACTERISTICS (Cont.)
Dead - Time Input Voltage - V
0
0.5
1
1.5
2
2.5
3
3.5
4
100
90
80
70
60
50
40
30
20
10
0
OUTPUT TRANSISTOR ON DUTY CYCLE
VS
DEAD - TIME INPUT VOLTAGE
CT = 330pF
RT = 10 KΩ
Vcc = 3.6 V
STANDBY CURRENT
VS
SUPPLY VOLTAGE
Vcc - Supply Voltage - V
010
20
30
40
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
TA = 25 oC
STANDBY CURRENT
VS
FREE - AIR TEMPERATURE
oC
TA - Free-Air Temperature -
-25
0
25
50
75
100
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
CT = 330pF
RT = 10 KΩ
Vcc = 6 V
Average Supply Current
Vcc = 40 V, No Load
Standby Current
Vcc = 3.6 V, No Load
Standby Current
GAIN (AMPLIFIER IN UNITY-GAIN
CONFIGURATION)
VS
FREQUENCY
f - Frequescy - Hz
- 20
- 15
- 10
- 5
0
5
10
1K
10K
10M
100K
1M
TA = 25 oC
Vcc = 5 V
Figure 13
Figure 14
Figure 15
Figure 16
Rev0.5 Apr. 01, 2004
P10/FP1451



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com