Electronic Components Datasheet Search
  English  ▼

X  

FP1451 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP1451
Description  DUAL CHANNEL PWM CONTROL IC WITH SCP/DTC FUNCTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP1451 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP1451 Datasheet HTML 1Page - Feeling Technology Corp. FP1451 Datasheet HTML 2Page - Feeling Technology Corp. FP1451 Datasheet HTML 3Page - Feeling Technology Corp. FP1451 Datasheet HTML 4Page - Feeling Technology Corp. FP1451 Datasheet HTML 5Page - Feeling Technology Corp. FP1451 Datasheet HTML 6Page - Feeling Technology Corp. FP1451 Datasheet HTML 7Page - Feeling Technology Corp. FP1451 Datasheet HTML 8Page - Feeling Technology Corp. FP1451 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Technology
FP1451
DUAL CHANNEL PWM CONTROL IC
WITH SCP/DTC FUNCTION
GENERAL DESCRIPTION
The FP1451, a 1-chip composed of dual open collector transistor pulse-width-modulation
control circuits with two error amplifiers and dead-time comparators (DTC), the FP1451
contains a 2.5V precision voltage reference regulator, under-voltage lockout circuit (UVLO),
short circuit protection circuit (SCP), applied to offer space and low cost in many applications
such as the DC/DC converter and backlight inverter.
Using few external components, FP1451, a high performance integrated IC, is designed for a
control circuit. The circuit diagram of the typical application example is as below.
FEATURES
SOP16
˙
Fixed Reference Voltage: 2.5V
˙
Reference Voltage Precision: 2% (FP1451)
˙
Output sink current up to 100mA
˙
Low quiescent supply current
˙
Wide operating voltage range: 3.6~40V
˙
Variable dead-time control (DTC)
˙
UVLO protection function
PDIP 16
˙
SCP protection function
˙
Oscillator Frequency: Max. 500KHz
˙
Package: SOP16 / PDIP16
TYPICAL APPLICATION
˙
DC/DC converters for video cameras and TFT LCD monitor
˙
Back light CCFL inverter.
Rev0.5 Apr. 01, 2004
P1/FP1451


Similar Part No. - FP1451

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
FP14 AMPHENOL-FP14 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Omega Engineering, Inc.
FP1400 OMEGA-FP1400 Datasheet
338Kb / 2P
DIGITAL PLASTIC PADDLEWHEEL FLOWMETERS
FP1400-CABLE OMEGA-FP1400-CABLE Datasheet
338Kb / 2P
DIGITAL PLASTIC PADDLEWHEEL FLOWMETERS
FP1400-CABLE-485 OMEGA-FP1400-CABLE-485 Datasheet
338Kb / 2P
DIGITAL PLASTIC PADDLEWHEEL FLOWMETERS
FP1402 OMEGA-FP1402 Datasheet
338Kb / 2P
DIGITAL PLASTIC PADDLEWHEEL FLOWMETERS
More results

Similar Description - FP1451

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3647 FUJI-FA3647 Datasheet
406Kb / 21P
PWM control IC with light load power saving function For Switching Power Supply Control
logo
NXP Semiconductors
TEA1541 PHILIPS-TEA1541 Datasheet
112Kb / 19P
SMPS control IC with synchronization function
2003 Aug 11
logo
Rohm
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
PWM Control IC
logo
Feeling Technology Corp...
FP5001 FEELING-FP5001 Datasheet
327Kb / 14P
PWM Controller With SCP / DTC Function
FP5451A FEELING-FP5451A Datasheet
538Kb / 14P
Dual Channel PWM Controller with SCP / DTC Function
FP5452 FEELING-FP5452 Datasheet
520Kb / 21P
Dual PWM Controller With SCP / DTC Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com