Electronic Components Datasheet Search
  English  ▼

X  

BL704 Datasheet(PDF) 16 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL704
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL704 Datasheet(HTML) 16 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL704 Datasheet HTML 12Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 15Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 16Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 18Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 19Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 20Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
BL702/704/706 Datasheet
2.10.6 TIMER
The TIMER module contains two general-purpose timers and a watchdog timer. The clock source of the general-
purpose timer can be FCLK/32K/1K/XTAL, and the clock source of the watchdog timer can be FCLK/32K/XTAL. Each
The counter has an 8-bit frequency divider.
Each group of general-purpose timers contains three compare registers, supports compare interrupts, and count
mode supports FreeRun mode and PreLoad mode.
The bit width of the watchdog timer counter is 16 bits, and it supports two watchdog overflow modes: interrupt and
reset.
2.10.7 PWM
5-channel PWM interface, three kinds of clock sources BCLK/XCLK/32K can be selected, the bit width of the frequency
divider register is 16 bits, and the bit width of the period register is 16 bits. Supports adjustable output polarity and
dual threshold settings to increase the flexibility of pulse output. Support PWM cycle counting interrupt, used to count
the number of output pulses, etc.
2.10.8 IR(IR-remote)
One infrared remote control, supports two modes of generating and receiving, supports receiving data with fixed
protocols NEC and RC-5, and also supports receiving data in any format in pulse width counting mode.
The IR module clock source is XCLK, which has powerful infrared waveform editing capabilities and can send out
waveforms that conform to various protocols. The transmit power is adjustable in 15 levels, and the receive FIFO
depth can reach 64 bytes.
2.10.9 USB2.0(Full Speed)
Built-in a device controller compatible with full-speed USB, following the full-speed USB device standard, with 8
endpoints, each of which has a 64-byte deep FIFO, except for endpoint 0, all other endpoints support interrupt /batch
/synchronous transmission . With standby /resume function. The 48MHz clock dedicated to USB is directly generated
by the internal main PLL.
2.10.10 EMAC
EMAC is a 10/100Mbps Ethernet controller (Ethernet Media Access Controller) compatible with IEEE 802.3.
Compatible with the MAC layer functions defined by IEEE 802.3, support the PHY of the RMII interface defined by
IEEE 802.3, interact with the PHY through MDIO, support 10Mbps and 100Mbps Ethernet, support half-duplex and
full-duplex, data transmission and reception are realized through the Buffer Descriptor data structure .
EMAC control is embedded with AHB Master, which can read or write data directly from the memory. The Buffer
Descriptor data structure is stored in the internal RAM of EMAC. The total number of Buffer Descriptors is up to 128.
The user can flexibly configure the number of Buffer Descriptors for transmission and receiving according to the scene.
BL702/704/706 Datasheet
16/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com