Electronic Components Datasheet Search
  English  ▼

X  

BL704 Datasheet(PDF) 32 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL704
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL704 Datasheet(HTML) 32 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL704 Datasheet HTML 28Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 29Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 30Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 31Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 32Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 33Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 34Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 35Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 36Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
BL702/704/706 Datasheet
Table 6.5: GPADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD33
Vbat supply voltage
2.3
3.6
V
T
Working tempreture
-40
125
◦C
Ivdd33
Current consumption of
ADC on VDD33
PGA1&2 off (2M clock)
150
μA
PGA1&2 on(2M clock)
350
Fclk
ADC input top clock
frequency
Clock from SOC
1.5
32
MHz
Fsample
Sampling rate
2.048M(12bit mode)
32K-128K(14bit mode)
8K-16K(16bit mode)
2
MHz
Vin
Input conversion
voltage range
Differential mode
6.4
V(vpp)
Single-ended mode
3.2
Rin
Total input channel
resistance
2
KΩ
Tcal
Calibration time
Fsample=2M (16bit mode)
140
uS
Tpu
Power up time
1
uS
Tconv
Total conversion time
12bit mode
1
1/Fsample
14bit mode 1
16
14bit mode 2
64
16bit mode 3
128
16bit mode 4
256
1. 14-bit mode with 16 times average
2. 14-bit mode with 64 times average
3. 16-bit mode with 128 times average
4. 16-bit mode with 256 times average
Note: Unless otherwise specified, the parameters given in Table 1 are derived from test under -40 to 125oC, supply
AVDD=3.3V, DVDD=1.1V.
BL702/704/706 Datasheet
32/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com