Electronic Components Datasheet Search
  English  ▼

X  

BL704 Datasheet(PDF) 26 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL704
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL704 Datasheet(HTML) 26 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL704 Datasheet HTML 22Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 23Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 24Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 25Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 26Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 27Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 28Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 29Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 30Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
4
RF Characteristsic
RF Characteristics of Receiving and Transmitting modes.
Table 4.1: RX RF Characteristics
Mode
Note
Performance @25◦C
Mode
Note
Min.
Typ
Max.
Unit
Zigbee Sensitivity
250 Kbps
-104
dBm
BLE Sensitivity
125 Kbps
-104
-98
500 Kbps
-100
-97
1 Mbps
-97
-94
2 Mbps
-94
-92
Table 4.2: TX RF Characteristics
Mode
Note
Performance @25◦C
Mode
Note
Min.
Typ
Max.
Unit
TX Power
0-14
dBm
TX EVM
11
13
%
BL702/704/706 Datasheet
26/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com