Electronic Components Datasheet Search
  English  ▼

X  

BL704 Datasheet(PDF) 17 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL704
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL704 Datasheet(HTML) 17 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL704 Datasheet HTML 13Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 14Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 15Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 16Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 17Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 18Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 19Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 20Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL704 Datasheet HTML 21Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
BL702/704/706 Datasheet
2.10.11 QDEC
The chip has built-in three sets of quadrature decoders, which are used to decode the two sets of pulses with a phase
difference of 90 degrees generated by the dual-channel rotary encoder into the corresponding speed and rotation.
Direction.
QDEC clock source can be 32K (f32k_clk) or 32M (xclk), with 16-bit pulse count range (-32768~32767 pulse/sample),
with 12 configurable sample periods (32us~131ms per sample at 1MHz) ), with a 16-bit settable report period (0~65535
ample/report).
2.10.12 ADC
The chip has a built-in 12bits successive approximation analog-to-digital converter (ADC) with a maximum working
clock of 2MHz, supports 12 external analog inputs and several internal analog signal selections, and supports single-
channel conversion and multi-channel scanning modes.
ADC can work in two modes of single conversion and multi-channel scanning. It supports 2.0V, 3.2V optional internal
reference voltage, and the conversion result is 12/14/16bits (achieved by oversampling) left-justified mode.
The ADC has a FIFO with a depth of 32, supports a variety of interrupts, and supports DMA operations.
In addition to measuring common analog signals, ADC can also be used to measure power supply voltage. In addition,
ADC can also be used for temperature detection by measuring internal/external diode voltage.
2.10.13 DAC
The chip has a built-in 10bits digital-to-analog converter (DAC) with a FIFO depth of 1 word and supports 2 DAC
modulation outputs. Can be used for audio playback, conventional analog signal modulation, DAC input clock can be
selected as 32M or Audio PLL, support DMA to transfer memory to the DAC modulation register, DAC output pin is
fixed to ChannelA to GPIO11, ChannelB to GPIO17.
2.10.14 Debug interface
Support standard JTAG 4-wire debugging interface, and use debuggers such as Jlink/OpenOCD/CK Link for debug-
ging.
BL702/704/706 Datasheet
17/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com