Electronic Components Datasheet Search
  English  ▼

X  

AAT3122 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3122
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3122 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3122 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AAT3122
High Efficiency 1X/1.5X Fractional Charge
Pump for White LED Applications
2
3122.2005.11.1.3
Pin Descriptions
Pin Configuration
TSOPJW-12
(Top View)
1
2
3
4
5
6
12
11
10
9
8
7
C2+
OUT
C1-
C1+
D
D
C2-
GND
IN
EN/SET
D
D
Pin #
Symbol
Function
1
C2+
Flying capacitor 2 positive terminal. Connect a 1µF capacitor between C2+ and C2-.
2
OUT
Charge pump output. Requires 1µF bypass capacitor to ground.
3
C1-
Flying capacitor 1 negative terminal.
4
C1+
Flying capacitor 1 positive terminal. Connect a 1µF capacitor between C1+ and C1-.
5, 6, 7, 8
D
Output current source with drive capability of up to 120mA.
9
EN/SET
Input control pin. Serial data interface that controls the level of output current. See
Application Information for more details.
10
IN
Input power supply. Requires 1µF bypass capacitor to ground.
11
GND
Ground.
12
C2-
Flying capacitor 2 negative terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com