Electronic Components Datasheet Search
  English  ▼

X  

AAT3122 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part # AAT3122
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3122 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

  AAT3122 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AAT3122
High Efficiency 1X/1.5X Fractional Charge
Pump for White LED Applications
3122.2005.11.1.3
5
Typical Characteristics
Unless otherwise noted, V
IN = 3.6V, CIN = COUT = C1 = C2 = 1µF, TA = 25°C.
V
IH and VIL vs. VIN
0.600
0.625
0.650
0.675
0.700
0.725
0.750
0.775
0.800
0.825
0.850
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
VIH
VIL
Quiescent Current vs. V
IN
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.50
3.00
3.50
4.00
4.50
5.00
5.50
VIN (V)
VDIODE = 3.3V
VDIODE = 3.4V
VDIODE = 3.5V
VDIODE = 3.6V
I
DIODE vs. VIN
40
45
50
55
60
65
70
75
80
85
90
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
VIN (V)
VDIODE = 3.3V
VDIODE = 3.4V VDIODE = 3.5V
VDIODE = 3.6V
Efficiency vs. V
IN
(ID = 80mA)
50
55
60
65
70
75
80
85
90
95
100
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
VIN (V)
VDIODE = 3.3V
VDIODE = 3.4V
VDIODE = 3.5V
VDIODE = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com