Electronic Components Datasheet Search
  English  ▼

X  

AAT3122 Datasheet(PDF) 7 Page - Advanced Analog Technology, Inc.

Part # AAT3122
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3122 Datasheet(HTML) 7 Page - Advanced Analog Technology, Inc.

Back Button AAT3122 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 11Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Functional Block Diagram
Voltage
Reference
Soft Start
1MHz
Oscillator
1.5X
Charge
Pump
S2Cwire
Interface
32x8 bit
ROM
Current
Mode
DAC
8
5
VIN
C1+
C1-
C2+
C2-
OUT
D
GND
EN/SET
AAT3122
High Efficiency 1X/1.5X Fractional Charge
Pump for White LED Applications
3122.2005.11.1.3
7
Functional Description
The AAT3122 is a dual mode load switch (1X) and
high efficiency (1.5X) fractional charge pump device
intended for white LED backlight applications. The
fractional charge pump consists of a low dropout lin-
ear voltage regulator followed by a 1.5X charge
pump. To maximize power conversion efficiency, an
internal feedback control sensing circuit monitors
the voltage required on the constant current source
output. This control circuit then sets the load switch
and charge pump functions based upon the input
voltage level versus the output voltage level needed.
This function significantly enhances overall device
efficiency when the input voltage level is greater
than the voltage required at the constant current
source output.
Switchover between the 1.5X
(charge pump) operating mode and the 1X (load
switch) mode occurs automatically (as a function of
input and output voltages) and does not require user
intervention to maintain maximum efficiency.
The AAT3122 requires only four external compo-
nents: two 1µF ceramic capacitors for the charge
pump flying capacitors (C
1 and C2),
one 1µF
ceramic capacitor for C
IN, and one 0.33µF to 1µF
ceramic capacitor for C
OUT. The LDO/1.5X charge
pump output is converted into a constant current
output capable of driving up to six individual LEDs
with a maximum of 20mA each. The current source
output magnitude is controlled by the EN/SET seri-
al data S
2Cwire interface. The interface records ris-
ing edges of the EN/SET pin and decodes them into
32 individual current level settings each 1dB apart.
This is summarized in Figure 1 and Table 1. Code
32 is full scale, and Code 1 is full scale attenuated
by 31dB. The modulo 32 interface wraps states
back to State 1 after the 32nd clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com