Electronic Components Datasheet Search
  English  ▼

X  

AAT3122 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT3122
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3122 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT3122 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3122 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AAT3122
High Efficiency 1X/1.5X Fractional Charge
Pump for White LED Applications
4
3122.2005.11.1.3
Electrical Characteristics
1
V
IN = 3.5V; CIN = COUT = C1 = C2 = 1.0µF; TA = -40°C to +85°C. Unless otherwise noted, typical values are
T
A = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Input Power Supply
V
IN
Operation Range
2.7
5.5
V
I
cc
Operating Current
3.0
≤ V
IN ≤ 5.5, Active,
1.8
3.5
mA
No Load Current
I
SHDN
Shutdown Current
EN = 0
1.0
µA
I
D
Maximum Output Current
V
IN = 3.5V; Code = 32
108
120
132
mA
Charge Pump
T
SS
Soft-Start Time
200
µs
F
CLK
Clock Frequency
1000
kHz
η
CP
Charge Pump Efficiency
V
IN = 3.6V, IOUT(Total) = 120mA;
93
%
Measured from IN to OUT
EN/SET
V
EN(L)
Enable Threshold Low
V
IN = 2.7V to 5.5V
0.5
V
V
EN(H)
Enable Threshold High
V
IN = 2.7V to 5.5V
1.4
V
T
LO
EN/SET Low Time
0.3
75
µs
T
HI
Minimum EN/SET High Time
50
ns
T
OFF
EN/SET Off Timeout
500
µs
Input Current
EN/SET Input Leakage
-1.0
1.0
µA
1. The AAT3122 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com