Electronic Components Datasheet Search
  English  ▼

X  

AAT3141 Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT3141
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3141 Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT3141 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 13Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AAT3141
High Efficiency 1X/1.5X/2X Charge Pump
for White LED Applications
3141.2007.03.1.3
9
Typical Characteristics
Unless otherwise noted, V
IN = 3.5V, CIN = CCP = C1 = C2 = 1µF, TA = 25°C.
Input Voltage (V)
Input Current vs. Input Voltage
(4x30mA)
0
50
100
150
200
250
300
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VDIODE = 3.0V
VDIODE = 3.4V
Input Voltage (V)
Input Current vs. Input Voltage
(4x10mA)
0
10
20
30
40
50
60
70
80
90
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VDIODE = 3.4V
VDIODE = 3.0V
V
IH and VIL vs. VIN
Input Voltage (V)
0.600
0.625
0.650
0.675
0.700
0.725
0.750
0.775
0.800
0.825
0.850
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIH
VIL
Input Voltage (V)
Diode Current vs. Input Voltage
(30mA, 15mA Settings)
10
15
20
25
30
35
40
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VDIODE = 3.4V
VDIODE = 3.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com