Electronic Components Datasheet Search
  English  ▼

X  

AAT3141 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3141
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3141 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3141 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 15Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AAT3141
High Efficiency 1X/1.5X/2X Charge Pump
for White LED Applications
3141.2007.03.1.3
11
Applications Information
Constant Current Output Level Settings
The constant current source amplitudes for D1 to D4
are set via the serial interface according to a loga-
rithmic scale where each code is 1dB greater than
the previous code. In this manner, LED brightness
appears linear with each increasing code count.
Because the outputs D1 to D4 are true independent
constant current sources, the voltage observed on
any single given output will be determined by the
actual forward voltage (V
F) for the LED being driven.
Since the output current of the AAT3141 is pro-
grammable, no PWM (pulse width modulation) or
additional control circuitry are needed to control
LED brightness. This feature greatly reduces the
burden on a microcontroller or system IC to manage
LED or display brightness, allowing the user to "set
it and forget it." With its high-speed serial interface
(1MHz data rate), the output current of the AAT3141
can be changed successively to brighten or dim
LEDs in smooth transitions (e.g., to fade out) or in
abrupt steps, giving the user complete programma-
bility and real-time control of LED brightness.
The individual current level settings are each
approximately 1dB apart for settings above Code 8
(see Figure 1). The current level settings below
Code 8 are more than 1dB apart and serve the
needs of transmissive displays and other low-cur-
rent applications.
Figure 1: Normalized Current Level Settings.
Table 2: Constant Current Source Output Nominal Programming Levels.
I
OUT (typ)
I
OUT (typ)
I
OUT (typ)
I
OUT (typ)
Code
(mA)
Code
(mA)
Code
(mA)
Code
(mA)
1
0.0
9
2.0
17
5.1
25
13
2
0.1
10
2.2
18
5.6
26
15
3
0.2
11
2.5
19
6
27
17
4
0.4
12
2.8
20
7
28
19
5
0.5
13
3.2
21
8
29
21
6
0.7
14
3.5
22
9
30
24
7
1.1
15
4.0
23
10
31
27
8
1.8
16
4.5
24
12
32
30
0.00
0.01
0.10
1.00
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com