Electronic Components Datasheet Search
  English  ▼

X  

AAT3141 Datasheet(PDF) 14 Page - Advanced Analog Technology, Inc.

Part # AAT3141
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3141 Datasheet(HTML) 14 Page - Advanced Analog Technology, Inc.

Back Button AAT3141 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT3141 Datasheet HTML 16Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AAT3141
High Efficiency 1X/1.5X/2X Charge Pump
for White LED Applications
14
3141.2007.03.1.3
the voltage conversion efficiency is defined as out-
put power divided by input power:
The expression to define the ideal efficiency (
η)
can be rewritten as:
-or-
Charge Pump Section Efficiency
The AAT3141 contains a fractional charge pump
which will boost the input supply voltage when V
IN
is less than the voltage required on the constant
current source outputs. The efficiency (
η) can be
simply defined as a linear voltage regulator with an
effective output voltage that is equal to one and
one half or two times the input voltage. Efficiency
(
η) for an ideal 1.5X charge pump can typically be
expressed as the output power divided by the input
power:
In addition, with an ideal 1.5X charge pump, the
output current may be expressed as 2/3 of the
input current. The expression to define the ideal
efficiency (
η) can be rewritten as:
-or-
For a charge pump with an output of 5V and a nom-
inal input of 3.5V, the theoretical efficiency is 95%.
Due to internal switching losses and IC quiescent
current consumption, the actual efficiency can be
measured at 93%. These figures are in close agree-
ment for output load conditions from 1mA to 100mA.
Efficiency will decrease as load current drops below
0.05mA or when the level of V
IN approaches VOUT.
Refer to the Typical Characteristics section of this
datasheet for measured plots of efficiency versus
input voltage and output load current for the given
charge pump output voltage options.
Capacitor Selection
Careful selection of the four external capacitors
C
IN, C1, C2, and COUT is important because they will
affect turn-on time, output ripple, and transient per-
formance. Optimum performance will be obtained
when low equivalent series resistance (ESR)
ceramic capacitors are used. In general, low ESR
may be defined as less than 100m
Ω. A value of
1µF for all four capacitors is a good starting point
when choosing capacitors.
If the LED current
sources are only programmed for light current lev-
els, then the capacitor size may be decreased.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3141. Ceramic capacitors offer many
advantages over their tantalum and aluminum elec-
trolytic counterparts. A ceramic capacitor typically
has very low ESR, is lowest cost, has a smaller
PCB footprint, and is non-polarized.
Low ESR
ceramic capacitors help maximize charge pump
transient response. Since ceramic capacitors are
non-polarized, they are not prone to incorrect con-
nection damage.
η =
P
OUT
P
IN
η =
P
OUT =
V
OUT
× I
OUT =
V
OUT
P
IN
V
IN
× I
OUT
V
IN
η(%) = 100
V
OUT
V
IN
⎛⎞
⎝⎠
η =
P
OUT
P
IN
η =
P
OUT =
V
OUT
× I
OUT
=
V
OUT
P
IN
V
IN
× 1.5I
OUT
1.5V
IN
η(%) = 100
V
OUT
1.5V
IN
⎛⎞
⎝⎠



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com