Electronic Components Datasheet Search
  English  ▼

X  

AAT3688 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3688
Description  USB Port Lithium-Ion/Polymer Battery Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3688 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3688 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AAT3688
USB Port Lithium-Ion/Polymer Battery Charger
2
3688.2006.10.1.5
Pin Descriptions
Pin Configuration
TDFN33-12
(Top View)
USB
BAT
GND
1
CHR
EN
TS
USBH
USBL
USBSEL
STAT1
STAT2
DATA
2
3
4
5
6
12
11
10
9
8
7
Pin #
Name
Type
Function
1
USB
In
USB power supply input.
2
BAT
In/Out
Battery charging and sensing.
3
GND
Ground
Ground connection.
4
CHR
In/Out
Resistor divider to set USB voltage regulation for charge reduction mode.
Leave this pin open for default 4.5V USB regulation point. Tie to USB pin to
disable this function.
5
EN
In
Enable pin. Logic high enables the IC.
6
TS
In/Out
Connect to 10k
Ω NTC thermistor.
7
DATA
In/Out
Status report to microcontroller via serial interface, open-drain.
8
STAT2
Out
Battery charge status indicator pin to drive an LED: active low, open-drain.
9
STAT1
Out
Battery charge status indicator pin to drive an LED: active low, open-drain.
10
USBSEL
In
When USB is present, use this pin to toggle between USBH and USBL
charging levels.
11
USBL
In/Out
Connect resistor here to set charge current for low-current USB port.
12
USBH
In/Out
Connect resistor here to set charge current for high-current USB port.
EP
Exposed paddle (bottom); connect to GND directly beneath package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com