Electronic Components Datasheet Search
  English  ▼

X  

AAT3688 Datasheet(PDF) 12 Page - Advanced Analog Technology, Inc.

Part # AAT3688
Description  USB Port Lithium-Ion/Polymer Battery Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3688 Datasheet(HTML) 12 Page - Advanced Analog Technology, Inc.

Back Button AAT3688 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 16Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
AAT3688
USB Port Lithium-Ion/Polymer Battery Charger
12
3688.2006.10.1.5
System Operation Flow Chart
No
No
No
No
No
No
No
No
0
1
Yes
Yes
Yes
Yes
Yes
Yes
Switch
On
Sleep
Mode
UVLO
V
P > VUVLO
Yes
Yes
USB
Power
USB Low
Current Loop
USB High
Current Loop
USB Detect
USBSEL= ?
Power On
Reset
Fault Conditions
Monitor
OV, OT
Shut Down
Mode
Battery
Temp. Fault
USB Voltage
Regulation
Enable
Battery
Temperature Monitor
VTS1 < TS < VTS2
Recharge Test
VRCH > VBAT
Preconditioning Test
VMIN > VBAT
Low Current
Conditioning
Charge
USB Voltage Test
VUSB < 4.5V
USB
Loop Current
Reduction in USB
Charging Mode
Current
Charging
Mode
Voltage
Charging
Mode
Current Phase Test
V
EOC > VBAT
Voltage Phase Test
IBAT > ITERM
Charge
Completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com