Electronic Components Datasheet Search
  English  ▼

X  

AAT3688 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3688
Description  USB Port Lithium-Ion/Polymer Battery Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3688 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT3688 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AAT3688
USB Port Lithium-Ion/Polymer Battery Charger
8
3688.2006.10.1.5
Typical Characteristics
USB Charge Current vs. Time
(USBH; USBH = 8.06k
Ω)
Time (sec)
USB VBUS
(200mV/div)
USB Charge
Current
(200mA/div)
USB Peripheral
Current
Consumption
(200mA/div)
02
4
6
8
10
Charge Reduction
Mode Activated
USB Supply Current vs. USBH Resistor
USBH Resistor (k
Ω
Ω)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
1
10
100
1000
Constant Current
Pre-Conditioning
V
IL vs. Supply Voltage
USBSEL (Falling)
Supply Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
-40
°C
+25
°C
+85
°C
V
IH vs. Supply Voltage
USBSEL (Rising)
Supply Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
-40
°C
+25
°C
+85
°C
V
IL vs. Supply Voltage
EN Pin (Falling)
Supply Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
-40
°C
+25
°C
+85
°C
V
IH vs. Supply Voltage
EN Pin (Rising)
Supply Voltage (V)
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
-40
°C
+25
°C
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com