Electronic Components Datasheet Search
  English  ▼

X  

AAT3688 Datasheet(PDF) 7 Page - Advanced Analog Technology, Inc.

Part # AAT3688
Description  USB Port Lithium-Ion/Polymer Battery Charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3688 Datasheet(HTML) 7 Page - Advanced Analog Technology, Inc.

Back Button AAT3688 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3688 Datasheet HTML 11Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AAT3688
USB Port Lithium-Ion/Polymer Battery Charger
3688.2006.10.1.5
7
Typical Characteristics
Fast Charge Current vs. Supply Voltage
(USBH; USBH = 8.06k
Ω
Ω)
Supply Voltage (V)
0
100
200
300
400
500
600
4.40
4.50
4.60
4.70
4.80
4.90
5.00
0
°C
25
°C
70
°C
Fast Charge Current vs. Supply Voltage
(USBL; USBL = 40.2k
Ω
Ω)
Supply Voltage (V)
0
20
40
60
80
100
120
4
4.5
5.5
6.5
56
VBAT = 3.3V
VBAT = 3.5V
VBAT = 3.9V
Fast Charge Current vs. Supply Voltage
(USBH; USBH = 8.06k
Ω
Ω)
Supply Voltage (V)
0
100
200
300
400
500
600
4
4.25
4.5
4.75
5
5.25
5.5
5.75
6
VBAT = 3.5V
VBAT = 3.3V
VBAT = 3.9V
Charging Current vs. Battery Voltage
(USBL; USBL = 40.2k
Ω
Ω)
Battery Voltage (V)
0
20
40
60
80
100
120
2.5
3
3.5
4
4.5
Charging Current vs. Battery Voltage
(USBH; USBH = 8.06k
Ω)
Battery Voltage (V)
0
100
200
300
400
500
600
2.5
3
3.5
4
4.5
Fast Charge Current vs. Temperature
(USBH; USBH = 8.06k
Ω
Ω)
Temperature (
°C)
440
450
460
470
480
490
500
510
520
530
540
-50
-25
0
25
50
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com