Electronic Components Datasheet Search
  English  ▼

X  

ATAR862 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATAR862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR862 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATAR862 Datasheet HTML 9Page - ATMEL Corporation ATAR862 Datasheet HTML 10Page - ATMEL Corporation ATAR862 Datasheet HTML 11Page - ATMEL Corporation ATAR862 Datasheet HTML 12Page - ATMEL Corporation ATAR862 Datasheet HTML 13Page - ATMEL Corporation ATAR862 Datasheet HTML 14Page - ATMEL Corporation ATAR862 Datasheet HTML 15Page - ATMEL Corporation ATAR862 Datasheet HTML 16Page - ATMEL Corporation ATAR862 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
13
4589G–4BMCU–09/06
ATAR862-8
11. Microcontroller Block
12. Features
• Extended Temperature Range for High Temperature up to 125
° C
• 4-Kbyte ROM, 256
× 4-bit RAM
• 11 Bi-directional I/Os
• Up to Seven External/Internal Interrupt Sources
• Multifunction Timer/Counter
– IR Remote Control Carrier Generator
– Biphase-, Manchester- and Pulse-width Modulator and Demodulator
– Phase Control Function
• Programmable System Clock with Prescaler and Five Different Clock Sources
• Supply-voltage Range (2.0 V to 4.0 V)
• Very Low Sleep Current (< 1 µA)
• 32
× 16-bit EEPROM
• Synchronous Serial Interface (2-wire, 3-wire)
• Watchdog, POR and Brown-out Function
• Voltage Monitoring Inclusive Lo_BAT Detect
• Flash Controller ATAM862 Available (SSO24)
13. Description
The ATAR862-8 is a member of Atmel’s family of 4-bit single-chip microcontrollers. The
ATAR862-8 is suitable for the transmitter side as well as the receiver side. It contains ROM,
RAM, parallel I/O ports, two 8-bit programmable multifunction timer/counters with modulator and
demodulator function, voltage supervisor, interval timer with watchdog function and a sophisti-
cated on-chip clock generation with external clock input, integrated RC-oscillator, 32-kHz and
4-MHz crystal-oscillators. The ATAR862-8 has an EEPROM as a third chip in one package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com