Electronic Components Datasheet Search
  English  ▼

X  

ATAR862 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATAR862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR862 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATAR862 Datasheet HTML 10Page - ATMEL Corporation ATAR862 Datasheet HTML 11Page - ATMEL Corporation ATAR862 Datasheet HTML 12Page - ATMEL Corporation ATAR862 Datasheet HTML 13Page - ATMEL Corporation ATAR862 Datasheet HTML 14Page - ATMEL Corporation ATAR862 Datasheet HTML 15Page - ATMEL Corporation ATAR862 Datasheet HTML 16Page - ATMEL Corporation ATAR862 Datasheet HTML 17Page - ATMEL Corporation ATAR862 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 112 page
background image
14
4589G–4BMCU–09/06
ATAR862-8
Figure 13-1. Block Diagram
14. Introduction
The ATAR862-8 is a member of Atmel’s family of 4-bit single-chip microcontrollers. It contains
ROM, RAM, parallel I/O ports, two 8-bit programmable multifunction timer/counters, voltage
supervisor, interval timer with watchdog function and a sophisticated on-chip clock generation
with integrated RC-, 32-kHz and 4-MHz crystal oscillators.
Table 14-1.
Available Variants
V
T2I
SD
Voltage monitor
External input
MARC4
UTCM
OSC1
OSC2
I/O bus
ROM
RAM
4-bit CPU core
256 x 4 bit
DD
V SS
Data direction +
alternate function
Data direction +
interrupt control
Port 4
Port 5
Data direction +
alternate function
Port 6
Timer 3
Brown-out protect.
RESET
Clock management
Timer 1
watchdog timer
Timer 2
Serial interface
Port 1
T2O
SD
SC
T3O
T3I
BP10
BP13
BP20/NTE
BP21
BP22
BP23
BP40
INT3
SC BP41
VMI
BP42
T2O
BP43
INT3
BP50
INT6
BP51
INT6
BP52
INT1
BP53
INT1
BP60
T3O
BP63
T3I
RC
oscillators
Crystal
oscillators
4 K x 8 bit
VMI
with modulator
SSI
External
clock input
interval- and
8/12-bit timer
8-bit
timer / counter
with modulator
and demodulator
T2I
Version
Type
ROM
E2PROM Peripheral
Packages
Flash device
ATAM862
4-Kbyte EEPROM
64-bytes
SSO24
Production
ATAR862
4-Kbyte Mask ROM
64-bytes
SSO24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com