Electronic Components Datasheet Search
  English  ▼

X  

ATAR862 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATAR862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR862 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATAR862 Datasheet HTML 14Page - ATMEL Corporation ATAR862 Datasheet HTML 15Page - ATMEL Corporation ATAR862 Datasheet HTML 16Page - ATMEL Corporation ATAR862 Datasheet HTML 17Page - ATMEL Corporation ATAR862 Datasheet HTML 18Page - ATMEL Corporation ATAR862 Datasheet HTML 19Page - ATMEL Corporation ATAR862 Datasheet HTML 20Page - ATMEL Corporation ATAR862 Datasheet HTML 21Page - ATMEL Corporation ATAR862 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
18
4589G–4BMCU–09/06
ATAR862-8
16.3.2
RAM Address Registers
The RAM is addressed with the four 8-bit wide RAM address registers: SP, RP, X and Y. These
registers allow access to any of the 256 RAM nibbles.
16.3.3
Expression Stack Pointer (SP)
The stack pointer contains the address of the next-to-top 4-bit item (TOS-1) of the expression
stack. The pointer is automatically pre-incremented if a nibble is moved onto the stack or
post-decremented if a nibble is removed from the stack. Every post-decrement operation moves
the item (TOS-1) to the TOS register before the SP is decremented. After a reset, the stack
pointer has to be initialized with >SP S0 to allocate the start address of the expression stack
area.
16.3.4
Return Stack Pointer (RP)
The return stack pointer points to the top element of the 12-bit wide return stack. The pointer
automatically pre-increments if an element is moved onto the stack, or it post-decrements if an
element is removed from the stack. The return stack pointer increments and decrements in
steps of 4. This means that every time a 12-bit element is stacked, a 4-bit RAM location is left
unwritten. This location is used by the qFORTH compiler to allocate 4-bit variables. After a reset
the return stack pointer has to be initialized via >RP FCh.
16.3.5
RAM Address Registers (X and Y)
The X and Y registers are used to address any 4-bit item in the RAM. A fetch operation moves
the addressed nibble onto the TOS. A store operation moves the TOS to the addressed RAM
location. By using either the pre-increment or post-decrement addressing mode arrays in the
RAM can be compared, filled or moved.
16.3.6
Top of Stack (TOS)
The top of stack register is the accumulator of the MARC4. All arithmetic/logic, memory refer-
ence and I/O operations use this register. The TOS register receives data from the ALU, ROM,
RAM or I/O bus.
16.3.7
Condition Code Register (CCR)
The 4-bit wide condition code register contains the branch, the carry and the interrupt enable
flag. These bits indicate the current state of the CPU. The CCR flags are set or reset by ALU
operations. The instructions SET_BCF, TOG_BF, CCR! and DI allow direct manipulation of the
condition code register.
16.3.8
Carry/Borrow (C)
The carry/borrow flag indicates that the borrowing or carrying out of arithmetic logic unit (ALU)
occurred during the last arithmetic operation. During shift and rotate operations, this bit is used
as a fifth bit. Boolean operations have no effect on the C-flag.
16.3.9
Branch (B)
The branch flag controls the conditional program branching. Should the branch flag has been set
by a previous instruction, a conditional branch will cause a jump. This flag is affected by arith-
metic, logic, shift, and rotate operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com