Electronic Components Datasheet Search
  English  ▼

X  

ATAR862 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATAR862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR862 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATAR862 Datasheet HTML 28Page - ATMEL Corporation ATAR862 Datasheet HTML 29Page - ATMEL Corporation ATAR862 Datasheet HTML 30Page - ATMEL Corporation ATAR862 Datasheet HTML 31Page - ATMEL Corporation ATAR862 Datasheet HTML 32Page - ATMEL Corporation ATAR862 Datasheet HTML 33Page - ATMEL Corporation ATAR862 Datasheet HTML 34Page - ATMEL Corporation ATAR862 Datasheet HTML 35Page - ATMEL Corporation ATAR862 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
32
4589G–4BMCU–09/06
ATAR862-8
The microcontroller block has various power-down modes. During the sleep mode the clock for
the MARC4 core is stopped. With the NSTOP bit in the clock management register (CM), it is
programmable if the clock for the on-chip peripherals is active or stopped during the sleep mode.
If the clock for the core and the peripherals is stopped, the selected oscillator is switched off. An
exception is the 32-kHz oscillator, if it is selected it runs continuously independent of the NSTOP
bit. If the oscillator is stopped or the 32-kHz oscillator is selected, power consumption is
extremely low.
Table 20-1.
Power-down Modes
21. Peripheral Modules
21.1
Addressing Peripherals
Accessing the peripheral modules takes place via the I/O bus (see Figure 21-1 on page 33).
The IN or OUT instructions allow direct addressing of up to 16 I/O modules. A dual register
addressing scheme has been adopted to enable direct addressing of the primary register. To
address the auxiliary register, the access must be switched with an auxiliary switching module.
Thus, a single IN (or OUT) to the module address will read (or write into) the module primary
register. Accessing the auxiliary register is performed with the same instruction preceded by
writing the module address into the auxiliary switching module. Byte wide registers are accessed
by multiple IN- (or OUT-) instructions. For more complex peripheral modules, with a larger num-
ber of registers, extended addressing is used. In this case, a bank of up to 16 subport registers
are indirectly addressed with the subport address. The first OUT instruction writes the subport
address to the subaddress register, the second IN or OUT instruction reads data from or writes
data to the addressed subport.
Mode
CPU
Core
Osc-Sto
p(1)
Brown-out
Function
RC-oscillator 1
RC-oscillator 2
4-MHz Oscillator
32-kHz
Oscillator
External
Input
Clock
Active
RUN
NO
Active
RUN
RUN
YES
Power-down
SLEEP
NO
Active
RUN
RUN
YES
SLEEP
SLEEP
YES
STOP
STOP
RUN
STOP
Note:
1.
Osc-Stop = SLEEP and NSTOP and WDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com