Electronic Components Datasheet Search
  English  ▼

X  

RT8880C Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT8880C
Description  Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8880C Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT8880C Datasheet HTML 34Page - Richtek Technology Corporation RT8880C Datasheet HTML 35Page - Richtek Technology Corporation RT8880C Datasheet HTML 36Page - Richtek Technology Corporation RT8880C Datasheet HTML 37Page - Richtek Technology Corporation RT8880C Datasheet HTML 38Page - Richtek Technology Corporation RT8880C Datasheet HTML 39Page - Richtek Technology Corporation RT8880C Datasheet HTML 40Page - Richtek Technology Corporation RT8880C Datasheet HTML 41Page - Richtek Technology Corporation RT8880C Datasheet HTML 42Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
RT8880C
39
DS8880C-06
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
And set the OCP-TDCA threshold, IL(TDCA), refer to some
percentage of OCP-SPIKEA through Table 3.
Over-Voltage Protection (OVP)
The over-voltage protection circuit of the VDDNB controller
monitors the output voltage via the VSENA pin after IC
POR. When VID is lower than 0.9V, once VSENA voltage
exceeds
“0.9V + 325mV”, OVP is triggered and latched.
When VID is larger than 0.9V, once VSENA voltage
exceeds the internal reference by 325mV, OVP is triggered
and latched. The VDDNB controller will try to turn on low-
side MOSFETs and turn off high-side MOSFETs of all active
phases of the VDDNB controller to protect the CPU. When
OVP is triggered by one rail, the other rail will also enter
soft shut down sequence. A 1
μs delay is used in OVP
detection circuit to prevent false trigger.
IL,SUM (SPIKE)
(38)
CSx
IMONA
R
3.19375
0.64
=
2 DCR
R
Figure 21. VDDNB Controller : Quick Response
Triggering Circuit
When quick response is triggered, the quick response
circuit will generate a quick response pulse. The pulse
width of quick response is almost the same as tON.
+
-
CMP
QR Pulse
Generation
Circuit
VVDDNB_SENSE
QRTHA
Where IL is the phase current, RCSx is the effective sense
resistance, and RIMONA is the current monitor current setting
resistor. Note that the IMONA pin cannot be monitored.
The ADC circuit of the VDDNB controller monitors the
voltage variation at the IMONA pin from 0V to 3.19375V,
and this voltage is decoded into digital format and stored
into Output_Current register. The ADC divides 3.19375V
into 511 levels, so LSB = 3.19375V / 511 = 6.25mV.
Quick Response
The VDDNB controller utilizes a quick response feature
to support heavy load current demand during instantaneous
load transient. The VDDNB controller monitors the current
of the VVDDNB_SENSE, and this current is mirrored to internal
quick response circuit. At steady state, this mirrored
current will not trigger a quick response. When the
VVDDNB_SENSE voltage drops abruptly due to load apply
transient, the mirrored current flowing into quick response
circuit will also increase instantaneously.
The QR threshold setting for VDDNB controller refers to
Table 5.
L
IMONA
L,SUM
IMONA
CSx
DCR
V
= I
2
R
0.64
R

(37)
Current Monitoring and Current Reporting
The VDDNB controller provides current monitoring function
via inductor current sensing. In the G-NAVPTM technology,
the output voltage is dependent on output current, and
the current monitoring function is achieved by this
characteristic of output voltage. The equivalent output
current will be sensed from inductor current sensing and
mirrored to the IMONA pin. The resistor connected to the
IMONA pin determines voltage of the IMONA output.
After generating a quick response pulse, the pulse is then
applied to the on-time generation circuit, and all the active
phases' on-times will be overridden by the quick response
pulse.
Over-Current Protection
The RT8880C has dual OCP mechanism. The dual OCP
mechanism has two types of thresholds. The first type,
referred to as OCP-TDCA, is a time and current based
threshold. OCP-TDCA should trip when the average output
current exceeds TDCA by some percentage and for a
period of time. This period of time is referred to as the
trigger delay. The second type, referred to as OCP-
SPIKEA, is a current based threshold. OCP-SPIKEA
should trip when the cycle-by-cycle output current
exceeds IDDSPIKEA by some percentage. If either
mechanism trips, then the VDDNB controller asserts
OCP_L and delays any further action. This delay is called
an action delay. Refer to action delay time. After the action
delay has expired and the VDDNB controller has allowed
its current sense filter to settle out and the current has
not decreased below the threshold, then the VDDNB
controller will turn off both high-side MOSFETs and low-
side MOSFETs of all channels.
Users can set OCP-SPIKEA threshold, IL,SUM(SPIKEA), by
the current monitor resistor RIMONA of the following equation :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com