Electronic Components Datasheet Search
  English  ▼

X  

RT8880C Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT8880C
Description  Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8880C Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT8880C Datasheet HTML 17Page - Richtek Technology Corporation RT8880C Datasheet HTML 18Page - Richtek Technology Corporation RT8880C Datasheet HTML 19Page - Richtek Technology Corporation RT8880C Datasheet HTML 20Page - Richtek Technology Corporation RT8880C Datasheet HTML 21Page - Richtek Technology Corporation RT8880C Datasheet HTML 22Page - Richtek Technology Corporation RT8880C Datasheet HTML 23Page - Richtek Technology Corporation RT8880C Datasheet HTML 24Page - Richtek Technology Corporation RT8880C Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
RT8880C
21
DS8880C-06
March 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
CORE VR Dynamic VID Up
Time (20
μs/Div)
VVDD
(1V/Div)
VID = 0.4V to 1V, ILOAD = 3.6A
SVD
(2V/Div)
SVT
(2V/Div)
ILOAD
(5A/Div)
CORE VR Dynamic VID Up
Time (20
μs/Div)
VVDD
(1V/Div)
VID = 1V to 1.06875V, ILOAD = 18A
SVD
(2V/Div)
SVT
(2V/Div)
ILOAD
(18A/Div)
CORE VR Dynamic VID Up
Time (20
μs/Div)
VVDD
(1V/Div)
VID = 1V to 1.1V, ILOAD = 18A
SVD
(2V/Div)
SVT
(2V/Div)
ILOAD
(18A/Div)
CORE VR Dynamic VID Up
Time (20
μs/Div)
VVDD
(1V/Div)
VID = 1V to 1.2V, ILOAD = 18A
SVD
(2V/Div)
SVT
(2V/Div)
ILOAD
(18A/Div)
CORE VR Dynamic VID Up
Time (20
μs/Div)
VVDD
(1V/Div)
VID = 1V to 1.4V, ILOAD = 18A
SVD
(2V/Div)
SVT
(2V/Div)
ILOAD
(18A/Div)
CORE VR Load Transient
Time (5
μs/Div)
VVDD
(50mV/Div)
fLOAD = 10kHz, ILOAD = 18A to 50A
ILOAD
(25A/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com