Electronic Components Datasheet Search
  English  ▼

X  

RT8880C Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8880C
Description  Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8880C Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8880C Datasheet HTML 1Page - Richtek Technology Corporation RT8880C Datasheet HTML 2Page - Richtek Technology Corporation RT8880C Datasheet HTML 3Page - Richtek Technology Corporation RT8880C Datasheet HTML 4Page - Richtek Technology Corporation RT8880C Datasheet HTML 5Page - Richtek Technology Corporation RT8880C Datasheet HTML 6Page - Richtek Technology Corporation RT8880C Datasheet HTML 7Page - Richtek Technology Corporation RT8880C Datasheet HTML 8Page - Richtek Technology Corporation RT8880C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
RT8880C
®
DS8880C-06
March 2017
www.richtek.com
1
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Dual-Output PWM Controller with 3 Integrated Drivers for
AMD SVI2 Mobile CPU Power Supply
Applications
AMD SVI2 Mobile CPU
Laptop Computer
General Description
The RT8880C is a 3 + 2 phases PWM controller, and is
compliant with AMD SVI2 Voltage Regulator Specification
to support both CPU core (VDD) and Northbridge portion
of the CPU (VDDNB). The RT8880C features CCRCOT
(Constant Current Ripple Constant On-Time) with G-NAVP
(Green-Native AVP), which is Richtek's proprietary
topology. The G-NAVP makes it an easy setting controller
to meet all AMD AVP (Adaptive Voltage Positioning) VDD/
VDDNB requirements. The droop is easily programmed
by setting the DC gain of the error amplifier. With proper
compensation, the load transient response can achieve
optimized AVP performance. The controller also uses the
interface to issue VOTF Complete and to send digitally
encoded voltage and current values for the VDD and
VDDNB domains. It can operate in single phase and diode
emulation mode and reach up to 90% efficiency in different
modes according to different loading conditions. The
RT8880C provides special purpose offset capabilities by
pin setting. The RT8880C also provides power good
indication, over-current indication (OCP_L) and dual OCP
mechanism for AMD SVI2 CPU core and NB. It also
features complete fault protection functions including over-
voltage, under-voltage and negative-voltage protections.
Features
3/2/1-Phase (VDD) + 2/1/0-Phase (VDDNB) PWM
Controller
3 Embedded MOSFET Drivers
G-NAVP
TM Topology
Support Dynamic Load-Line and Zero Load-Line
Diode Emulation Mode at Light Load Condition
SVI2 Interface to Comply with AMD Power
Management Protocol
Build-in ADC for VOUT and IOUT Reporting
Immediate OV, UV and NV Protections and UVLO
Programmable Dual OCP Mechanism
0.5% DAC Accuracy
Fast Transient Response
Power Good Indicator
Over-Current Indicator
RoHS Compliant and Halogen Free
Simplified Application Circuit
VVDDNB
PWM3
PHASE2
PHASE1
RT8880C
PHASEA1
OCP_L
SVD
SVT
To CPU
SVC
PWMA2
MOSFET
MOSFET
RT9610
RT9610
MOSFET
MOSFET
VVDD
MOSFET


Similar Part No. - RT8880C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884CGQW RICHTEK-RT8884CGQW Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8886A RICHTEK-RT8886A Datasheet
649Kb / 45P
2-Phase Controller with Dual Integrated Drivers
RT8886AGQW RICHTEK-RT8886AGQW Datasheet
649Kb / 45P
2-Phase Controller with Dual Integrated Drivers
RT8889D RICHTEK-RT8889D Datasheet
611Kb / 44P
3-Phase PWM Controller
More results

Similar Description - RT8880C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
logo
Intersil Corporation
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
May 11, 2009
ISL6265C INTERSIL-ISL6265C_10 Datasheet
838Kb / 27P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
July 28, 2010
logo
Richtek Technology Corp...
RT8877C RICHTEK-RT8877C Datasheet
687Kb / 38P
Dual-Output PWM Controller for AMD SVI2 CPU Power Supply
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Richtek Technology Corp...
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
RT3662EB RICHTEK-RT3662EB Datasheet
1Mb / 28P
Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
August 2019
RT3663BM RICHTEK-RT3663BM Datasheet
526Kb / 43P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com